Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC76 Datasheet (PDF) - NXP Semiconductors

MC74HC76 Datasheet PDF - NXP Semiconductors
Part # MC74HC76
Download  MC74HC76 Download
File Size   759.29 Kbytes
Page   40 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Universal Digital Loop Transceiver (UDLT-3) Evaluation Module

MC74HC76 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HC76 Datasheet PDF - NXP Semiconductors

Part # MC74HC76
Download  MC74HC76 Click to download

File Size   759.29 Kbytes
Page   40 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Universal Digital Loop Transceiver (UDLT-3) Evaluation Module

MC74HC76 Datasheet (HTML) - NXP Semiconductors


MC74HC76 Product details

Application Circuit
At the frequencies of interest (128 kHz and 256 kHz), ordinary telephone wire has a characteristic
impedance of about 110 W. In the schematic above, loading resistors R19–22 between LO1 and LO2 and
the Tx windings of the transformer are set to 110 W. The series combination of these resistors is significantly
higher than the 20-W output impedance of the LO1 and LO2 drivers, causing the resistance presented to the
transformer to be set primarily by the resistors alone.
Clamp diodes D1–4 protect the LO1 and LO2 outputs from transient signals on the twisted pair. Line settling
between data bursts is improved by selecting a bandwidth of 20 to 512 kHz for the transformer interface.
The lower corner frequency is set by adjusting the inductance of the transformer's Tx winding to 1.75 mH.
The upper corner frequency is determined by the design of the transformer winding technique.
The impedance matching network on the transmit side of the transformer attenuates the transmitted signal
by 12 dB. This loss is recovered in the receive side of the transformer. A step-up of 4:1 directly compensates
for the 12 dB loss. As with the transmit side, a protection network is required. D5 and D6 clamp the received
signal to a safe level but are sufficiently isolated by R23 so that they do not load the transformer when they
are conducting.
At 192 kHz (the spectral peak of MDPSK), 26 AWG wire attenuates signals about 17 dB/km. The receiver
in the UDLT-3 has sufficient input dynamic range to operate on loops as long as 2 km.




Similar Part No. - MC74HC76

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC76 MOTOROLA-MC74HC76 Datasheet
148Kb / 5P
Dual JK Flip-Flop With Set and Reset
MC74HC76D MOTOROLA-MC74HC76D Datasheet
148Kb / 5P
Dual JK Flip-Flop With Set and Reset
MC74HC76N MOTOROLA-MC74HC76N Datasheet
148Kb / 5P
Dual JK Flip-Flop With Set and Reset
More results


Similar Description - MC74HC76

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145422 MOTOROLA-MC145422 Datasheet
264Kb / 20P
UNIVERSAL DIGITAL-LOOP TRANSCEIVER(UDLT)
logo
Freescale Semiconductor...
MC145423E FREESCALE-MC145423E Datasheet
4Mb / 30P
Universal Digital Loop Transceiver (UDLT-3)
logo
Texas Instruments
SLVU006A TI1-SLVU006A Datasheet
388Kb / 28P
UNIVERSAL OPERATIONAL AMPLIFIER EVALUATION MODULE
logo
Murata Manufacturing Co...
DR7000-EV MURATA-DR7000-EV Datasheet
202Kb / 8P
433.92 MHz Transceiver Evaluation Module
DR7001-EV MURATA-DR7001-EV Datasheet
206Kb / 8P
315.00 MHz Transceiver Evaluation Module
DR7003-EV MURATA-DR7003-EV Datasheet
205Kb / 8P
303.825 MHz Transceiver Evaluation Module
DR8000-EV MURATA-DR8000-EV Datasheet
203Kb / 8P
916.50 MHz Transceiver Evaluation Module
DR8001-EV MURATA-DR8001-EV Datasheet
203Kb / 8P
868.35 MHz Transceiver Evaluation Module
DR8100-EV MURATA-DR8100-EV Datasheet
224Kb / 8P
916.50 MHz Transceiver Evaluation Module
logo
Motorola, Inc
MC145421 MOTOROLA-MC145421 Datasheet
271Kb / 16P
ISDN Universal Digital Loop Transceivers II
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com