Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB3222A Datasheet (PDF) - VBsemi Electronics Co.,Ltd

VB3222A Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # VB3222A
Download  VB3222A Download
File Size   567.48 Kbytes
Page   7 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

VB3222A Datasheet (PDF)

Go To PDF Page Download Datasheet
VB3222A Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # VB3222A
Download  VB3222A Click to download

File Size   567.48 Kbytes
Page   7 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

VB3222A Datasheet (HTML) - VBsemi Electronics Co.,Ltd


VB3222A Product details

General Description
The VB3222A uses advanced trench technology to provide
excellent R DS(ON) and low gate charge. A Schottky diode is
provided to facilitate the implementation of a bidirectional
blocking switch, or for DC-DC conversion applications.

Features
VDS (V) = 20V
ID = 6.0A (VGS = 4.5V)
RDS(ON) < 26mΩ (VGS = 4.5V)
RDS(ON) < 35mΩ (VGS = 2.5V)
RDS(ON) < 45mΩ (VGS = 1.8V)
SCHOTTKY
VDS (V) = 20V, IF = 1A, VF<0.5V@0.5A




Similar Part No. - VB3222A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VB3222 VBSEMI-VB3222 Datasheet
676Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
VB3222 VBSEMI-VB3222 Datasheet
714Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
VB3222 VBSEMI-VB3222_V01 Datasheet
714Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
More results


Similar Description - VB3222A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6700 AOSMD-AO6700 Datasheet
112Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6702 AOSMD-AO6702 Datasheet
119Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6704 AOSMD-AO6704 Datasheet
170Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4700 AOSMD-AO4700 Datasheet
166Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4702 AOSMD-AO4702 Datasheet
112Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4704 AOSMD-AO4704 Datasheet
160Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3700 AOSMD-AO3700 Datasheet
125Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
VBsemi Electronics Co.,...
VBA1310S VBSEMI-VBA1310S Datasheet
686Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com