Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YD2206 Datasheet (PDF) - Wuxi Youda electronics Co.,LTD

YD2206 Datasheet PDF - Wuxi Youda electronics Co.,LTD
Part # YD2206
Download  YD2206 Download
File Size   76.61 Kbytes
Page   4 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description 2.5W DUAL AUDIO POWER AMP

YD2206 Datasheet (PDF)

Go To PDF Page Download Datasheet
YD2206 Datasheet PDF - Wuxi Youda electronics Co.,LTD

Part # YD2206
Download  YD2206 Click to download

File Size   76.61 Kbytes
Page   4 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description 2.5W DUAL AUDIO POWER AMP

YD2206 Datasheet (HTML) - Wuxi Youda electronics Co.,LTD


YD2206 Product details

DESCRIPTION

The YD2206 is a monolithic integrated circuit consisting of a 2-channel power amplifier. It is suitable for stereo and bridge amplifier application of radio cassette tape recorder.



FEATURES

* High output power

   Stereo: Po=2.5W(Typ) at Vcc=9V, RL=4Ω

   Bridge: Po=4.7W(Typ) at Vcc=9V, RL=8Ω

* Small shock noise at the time of power on/off due to a built-in muting circuit

* Good ripple rejection due to a built-in ripple filter

* Good channel separation

* Soft tone at the time of output saturation

* Closed loop voltage gain fixed 45dB (Bridge: 51dB) ,but availability with external resistor added

* Minimum number of external parts required



 




Similar Part No. - YD2206

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD22241 YOUDA-YD22241 Datasheet
83Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
More results


Similar Description - YD2206

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1470 NTE-NTE1470 Datasheet
19Kb / 2P
Integrated Circuit Audio Power Amp, 2.5W for Table Top Stereo
NTE1687 NTE-NTE1687 Datasheet
25Kb / 3P
Linear Integrated Circuit Dual, 2.5W (7.8W BTL) Audio Amp
logo
Samsung semiconductor
KA22066 SAMSUNG-KA22066 Datasheet
101Kb / 4P
4.0W DUAL AUDIO POWER AMP.
KA2206B SAMSUNG-KA2206B Datasheet
125Kb / 6P
2.3W DUAL AUDIO POWER AMP
logo
Unisonic Technologies
2206 UTC-2206 Datasheet
121Kb / 4P
2.5W DUAL AUDIO POWER AMP
logo
National Semiconductor ...
LM380 NSC-LM380_00 Datasheet
271Kb / 9P
2.5W Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP4832 ISSI-IS31AP4832 Datasheet
436Kb / 19P
DUAL 2.5W AUDIO POWER AMPLIFIER AND STEREO HEADPHONE DRIVER
logo
Texas Instruments
LM380 TI1-LM380 Datasheet
536Kb / 13P
LM380 2.5W Audio Power Amplifier
logo
Unisonic Technologies
2206 UTC-2206_15 Datasheet
166Kb / 6P
2.5W DUAL AUDIO POWER AMP
logo
Bookly Micro electronic
BM0102 BOOKLY-BM0102 Datasheet
231Kb / 2P
2.5W AUDIO CLASS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com