Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD1238-XC Datasheet (PDF) - ORION FANS

OD1238-XC Datasheet PDF - ORION FANS
Part # OD1238-XC
Download  OD1238-XC Download
File Size   625.29 Kbytes
Page   3 Pages
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS
Description DC Fans - 12, 24, 48V 120mm x 120mm x 38.5mm (4.7” x 1.5”)

OD1238-XC Datasheet (PDF)

Go To PDF Page Download Datasheet
OD1238-XC Datasheet PDF - ORION FANS

Part # OD1238-XC
Download  OD1238-XC Click to download

File Size   625.29 Kbytes
Page   3 Pages
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS
Description DC Fans - 12, 24, 48V 120mm x 120mm x 38.5mm (4.7” x 1.5”)

OD1238-XC Datasheet (HTML) - ORION FANS




Similar Part No. - OD1238-XC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1238-XJ ORIONFANS-OD1238-XJ Datasheet
5Mb / 8P
AC & EC FANS
More results


Similar Description - OD1238-XC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
ODB600PT-12HB ORIONFANS-ODB600PT-12HB Datasheet
146Kb / 1P
12, 24, 48V 120x32mm (4.7??x 1.25??
logo
NTE Electronics
77-12025D12 NTE-77-12025D12 Datasheet
5Mb / 1P
Fan, AC & DC Types, 120 x 120mm
logo
ORION FANS
OD1238VA ORIONFANS-OD1238VA_17 Datasheet
264Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238VXC ORIONFANS-OD1238VXC Datasheet
264Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238XC ORIONFANS-OD1238XC_16 Datasheet
242Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD9238VA-16 ORIONFANS-OD9238VA-16 Datasheet
377Kb / 1P
DC Fan - 12, 24, 48V 92x38mm (3.62??x 1.5??
logo
ADL Embedded Solutions
ADL120S ADL-ADL120S Datasheet
613Kb / 2P
120mm x 120mm Stackable SBC 120mm x 120mm Stackable SBC
logo
NTE Electronics
77-12025D12 NTE-77-12025D12_17 Datasheet
5Mb / 1P
Fan, AC & DC Types, 120 x 120mm
logo
ORION FANS
OD172S-XC ORIONFANS-OD172S-XC Datasheet
140Kb / 1P
DC Fan - High Performance 12, 24 48V 172x150x51mm (6.7”x 5.9”x 2.0”)
OD172SAP-XC-IP ORIONFANS-OD172SAP-XC-IP Datasheet
253Kb / 1P
DC Fans - 12, 24, 48V 172mm x 151mm x 51mm (6.8”x5.9”x2.0”)
2/17/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com