Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YD3361 Datasheet (PDF) - Wuxi Youda electronics Co.,LTD

YD3361 Datasheet PDF - Wuxi Youda electronics Co.,LTD
Part # YD3361
Download  YD3361 Download
File Size   98.55 Kbytes
Page   5 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description LOW POWER NARROW BAND IF AMPLIFIER

YD3361 Datasheet (PDF)

Go To PDF Page Download Datasheet
YD3361 Datasheet PDF - Wuxi Youda electronics Co.,LTD

Part # YD3361
Download  YD3361 Click to download

File Size   98.55 Kbytes
Page   5 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description LOW POWER NARROW BAND IF AMPLIFIER

YD3361 Datasheet (HTML) - Wuxi Youda electronics Co.,LTD


YD3361 Product details

DESCRIPTION

The YD3361 includes an Oscillator, Mixer, Limiting Amplifier, Quadrature Discriminator, Active Filter, Squelch, Scan Control and mute Switch. This device is designed for use in FM dual conversion communications equipment.



FEATURES

*Operates from 2.0 to 7.0 V supply.

*Low drain current 3.9 mA Typical @ VCC=4.0 Vdc.

*Excellent sensitivity: input limiting voltage (–3.0 dB )2.6μV typical.

*Low number of external parts required.

*Operating frequency up to 60 MHz.




Similar Part No. - YD3361

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD3308F YOUDA-YD3308F Datasheet
77Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
YD339 YOUDA-YD339 Datasheet
102Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
More results


Similar Description - YD3361

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK14600 TOKO-TK14600 Datasheet
96Kb / 8P
NARROW BAND FM IF AMPLIFIER
logo
Daewoo Semiconductor
DBL5018 DAEWOO-DBL5018 Datasheet
226Kb / 5P
LOW POWER NARROW BAND FM IF
DBL5019 DAEWOO-DBL5019 Datasheet
270Kb / 6P
LOW POWER NARROW BAND FM IF
logo
Hynix Semiconductor
GL3361 HYNIX-GL3361 Datasheet
41Kb / 4P
Low Power Narrow Band FM IF
logo
AUK corp
SL5018P AUK-SL5018P Datasheet
126Kb / 5P
LOW POWER NARROW BAND FM IF
logo
TOKO, Inc
TK10487 TOKO-TK10487 Datasheet
1Mb / 6P
NARROW BAND FM-IF AMPLIFIER
logo
AUK corp
SL5019 AUK-SL5019_1 Datasheet
83Kb / 6P
LOW POWER NARROW BAND FM IF
logo
New Japan Radio
NJM3357 NJRC-NJM3357 Datasheet
138Kb / 3P
LOW POWER NARROW BAND FM IF
NJM3359 NJRC-NJM3359_1 Datasheet
152Kb / 4P
LOW POWER NARROW BAND FM IF
logo
Tiger Electronic Co.,Lt...
MC3361D TGS-MC3361D Datasheet
218Kb / 5P
LOW POWER NARROW BAND FM IF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com