Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YD3414 Datasheet (PDF) - Wuxi Youda electronics Co.,LTD

YD3414 Datasheet PDF - Wuxi Youda electronics Co.,LTD
Part # YD3414
Download  YD3414 Download
File Size   152.62 Kbytes
Page   3 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description DUAL HIGH CURRENT OPERATIONNAL AMPLIFIER

YD3414 Datasheet (PDF)

Go To PDF Page Download Datasheet
YD3414 Datasheet PDF - Wuxi Youda electronics Co.,LTD

Part # YD3414
Download  YD3414 Click to download

File Size   152.62 Kbytes
Page   3 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description DUAL HIGH CURRENT OPERATIONNAL AMPLIFIER

YD3414 Datasheet (HTML) - Wuxi Youda electronics Co.,LTD


YD3414 Product details

DESCRIPTION

The YD3414 integrated circuit is a high gain, high output current, high output voltage swing dual operational amplifier capable of driving 70mA.



FEATURES

* Single Supply.

* Operating Voltage (+3V~+15V).

* High Output Current (70mA).

* Slew Rate (1.0V/μm typ).

* Package Outline: DIP8, SOP8.

* Bipolar Technology.



 




Similar Part No. - YD3414

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD34119 YOUDA-YD34119 Datasheet
81Kb / 4P
LOW POWER AUDIO AMPLIFIER
YD34119A YOUDA-YD34119A Datasheet
80Kb / 4P
LOW POWER AUDIO AMPLIFIER
More results


Similar Description - YD3414

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4556A NJRC-NJM4556A Datasheet
239Kb / 5P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD358 YOUDA-YD358 Datasheet
84Kb / 3P
DUAL OPERATIONNAL AMPLIFIER
YD4560 YOUDA-YD4560 Datasheet
83Kb / 3P
DUAL OPERATIONNAL AMPLIFIER
logo
Agamem Microelectronic ...
AA4556 AGAMEM-AA4556 Datasheet
99Kb / 4P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
High Output Current Dual Amplifier
logo
Unisonic Technologies
3308 UTC-3308_09 Datasheet
250Kb / 6P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8017ARZ AD-AD8017ARZ Datasheet
410Kb / 17P
Dual High Output Current, High Speed Amplifier
REV. C
AD8017ARZ-REEL7 AD-AD8017ARZ-REEL7 Datasheet
415Kb / 17P
Dual High Output Current High Speed Amplifier
REV. C
logo
Unisonic Technologies
3308 UTC-3308_15 Datasheet
253Kb / 6P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com