Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA3056A30A Datasheet (PDF) - Major-Power Technology Co., LTD.

MA3056A30A Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA3056A30A
Download  MA3056A30A Download
File Size   191.69 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Ultralow Quiescent, Fast Transient Low Dropout Regulator

MA3056A30A Datasheet (PDF)

Go To PDF Page Download Datasheet
MA3056A30A Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA3056A30A
Download  MA3056A30A Click to download

File Size   191.69 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Ultralow Quiescent, Fast Transient Low Dropout Regulator

MA3056A30A Datasheet (HTML) - Major-Power Technology Co., LTD.


MA3056A30A Product details

GENERAL DESCRIPTION
The MA3056 series is a high voltage, ultralow-power, low dropout voltage regulator. The device can
deliver 150mA output current and allows an input voltage as high as 60V. The typical quiescent current is
only 2μA. The device is available in fixed output voltages of 3.0V, 3.3V and 5.0V. The device features
integrated short-circuit and thermal shutdown protection.
Although designed primarily as fixed voltage regulators, the device can be used with external
components to obtain variable voltages.

FEATURES
- Low Quiescent Current:2uA
- High Input Voltage: Up to 60V
- High Output Current: 150mA
- Without Overshot in Start Up
- Without Overshot after Short Circuits Removed
- Low Dropout Voltage:
70mV@10mA
700mV@100mA
- Fixed Output Voltages:3.0V, 3.3V and 5.0V.
- High-accuracy Output Voltage:±2%
- Good Transient Response
- High PSRR: 70dB @ 1KHz
- Integrated Short-Circuit Protection
- Integrated Thermal Protection
- Available Package:SOT23-3L

APPLICATIONS
- Battery-Powered Equipment
- Smoke Detector and Sensor
- Portable Equipment
- Audio/Video Equipment




Similar Part No. - MA3056A30A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3056 PANASONIC-MA3056 Datasheet
19Kb / 1P
Silicon planer type
MA3056 PANASONIC-MA3056 Datasheet
108Kb / 7P
Silicon planar type
MA3056-H PANASONIC-MA3056-H Datasheet
108Kb / 7P
Silicon planar type
MA3056-L PANASONIC-MA3056-L Datasheet
108Kb / 7P
Silicon planar type
MA3056-M PANASONIC-MA3056-M Datasheet
108Kb / 7P
Silicon planar type
More results


Similar Description - MA3056A30A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133 DIODES-AP133 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
logo
Major-Power Technology ...
MA3053 MPOWER-MA3053 Datasheet
203Kb / 2P
Ultralow Quiescent, Fast Transient Low Dropout Regulator
Rev 1.5
MA3054 MPOWER-MA3054 Datasheet
176Kb / 2P
Ultralow Quiescent, Fast Transient Low Dropout Regulator
Rev 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com