Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L59 Datasheet (PDF) - Kingbright Corporation

L59 Datasheet PDF - Kingbright Corporation
Part # L59
Download  L59 Download
File Size   182.47 Kbytes
Page   6 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description T-1 3/3(5MM) BI-POLAR AND BI-COLOR INDICATOR LAMPS

L59 Datasheet (PDF)

Go To PDF Page Download Datasheet
L59 Datasheet PDF - Kingbright Corporation

Part # L59
Download  L59 Click to download

File Size   182.47 Kbytes
Page   6 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description T-1 3/3(5MM) BI-POLAR AND BI-COLOR INDICATOR LAMPS

L59 Datasheet (HTML) - Kingbright Corporation


L59 Product details

Features
● UNIFORM LIGHT OUTPUT.
● LOW POWER CONSUMPTION.
● MILKY WHITE DIFFUSION LENS.
● 3 LEADS WITH ONE COMMON LEAD.
● EXCEPT L59EGW/CA IS COMMON ANODE TYPE, ALL OTHER ITEMS ARE COMMON CATHODE TYPE.
● THIRD COLOR (MIXED COLOR) AVAILABLE.
● SUPER BRIGHT VERSION AVAILABLE.
● I.C COMPATIBLE.
● LONG LIFE - SOLID STATE RELIABILITY.




Similar Part No. - L59

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
L59 VCC-L59 Datasheet
591Kb / 2P
Snapfit indicator lights for mounting hole
logo
STMicroelectronics
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Mar-2001
L5951 STMICROELECTRONICS-L5951 Datasheet
119Kb / 13P
TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
Jan-2001
L5951 STMICROELECTRONICS-L5951 Datasheet
297Kb / 18P
Triple output multifunction voltage regulator for car radio with IDR/class2 interface
23-Sep-2013
L5951 STMICROELECTRONICS-L5951_V01 Datasheet
297Kb / 18P
Triple output multifunction voltage regulator for car radio with IDR/class2 interface
23-Sep-2013
More results


Similar Description - L59

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L819 ETC-L819 Datasheet
181Kb / 6P
10MM BI-POLAR AND BI COLOR INDICATOR LAMPS
logo
Chicago Miniature Lamp,...
CMD5491A CML-CMD5491A Datasheet
64Kb / 1P
T-1 3/4 Bi-Color/Bi-Polar LED Lamps
logo
Kingbright Corporation
WP57EGW KINGBRIGHT-WP57EGW Datasheet
454Kb / 7P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP57GYW KINGBRIGHT-WP57GYW Datasheet
455Kb / 7P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP59EGW KINGBRIGHT-WP59EGW Datasheet
462Kb / 7P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP59GYC KINGBRIGHT-WP59GYC Datasheet
462Kb / 7P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP59SURKMGKW KINGBRIGHT-WP59SURKMGKW Datasheet
146Kb / 5P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
L-57 KINGBRIGHT-L-57 Datasheet
207Kb / 6P
T-1 3/4(5mm) BI-POLAR AND BI-COLOR INDICATOR LAMPS
logo
SunLED Corporation
LUGR59M SUNLED-LUGR59M Datasheet
226Kb / 5P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
LUGY59M SUNLED-LUGY59M Datasheet
228Kb / 5P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
More results




About Kingbright Corporation


Kingbright Corporation is a technology company that specializes in the design, manufacture, and sale of LED components and LED-based lighting products. The company was founded in 1980 and is headquartered in Taipei, Taiwan. Kingbright has a global presence, with operations and customers in over 60 countries around the world.

Kingbright provides a wide range of LED components and lighting products, including surface-mount and through-hole LEDs, LED displays, LED lighting modules, and LED lighting fixtures. The company's products are used in a variety of applications, including automotive, consumer electronics, industrial, and lighting.

Kingbright is known for its expertise in LED technology and its ability to provide high-quality and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the LED market. Kingbright is a recognized leader in the LED market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com