Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBL Datasheet (PDF) - Visual Communications Company

VBL Datasheet PDF - Visual Communications Company
Part # VBL
Download  VBL Download
File Size   210.84 Kbytes
Page   4 Pages
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company
Description Ø 0.118″ (3mm) PCB Mounted Light Pipe for Surface Mount LED

VBL Datasheet (PDF)

Go To PDF Page Download Datasheet
VBL Datasheet PDF - Visual Communications Company

Part # VBL
Download  VBL Click to download

File Size   210.84 Kbytes
Page   4 Pages
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company
Description Ø 0.118″ (3mm) PCB Mounted Light Pipe for Surface Mount LED

VBL Datasheet (HTML) - Visual Communications Company


VBL Product details

VBL Series features vertical press-fit board mount LED light pipes
available in a range of different lengths with either a flat or a domed top.

Key Features
• Rigid board mount light pipe for surface mount LEDs
• 3mm round lens with either a domed or flat face
• The VBL light pipes are mounted onto the PCB using push-fit lugs in close proximity to the LED
• Features a press-fit installation into the PCB board which simplifies installation and enables faster assembly
• Protects LED from ESD
• Optical grade PMMA for maximum light transmission
• Frosted surface diffuses light and provides uniform brightness and a soft glow
• Operating temp: Max 194F(90˚C)
• Standard lengths from 0.20″ to 1.000″
• For custom length contact VCC
• RoHS and REACH Compliant

Applications
• Audio/Video
• Industrial Robots
• Darkroom Equipment
• Agriculture
• Entertainment
• Medical
• IoT
• Data Center Solutions
• Transportation Power Systems




Similar Part No. - VBL

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBL1101M VBSEMI-VBL1101M Datasheet
625Kb / 8P
N-Channel 100-V (D-S) MOSFET
VBL1101N VBSEMI-VBL1101N Datasheet
599Kb / 7P
N-Channel 100-V (D-S) MOSFET
VBL1101N VBSEMI-VBL1101N Datasheet
663Kb / 7P
N-Channel 100-V (D-S) 175 째C MOSFET
VBL1104N VBSEMI-VBL1104N Datasheet
670Kb / 8P
N-Channel 100-V (D-S) MOSFET
VBL1105 VBSEMI-VBL1105 Datasheet
544Kb / 7P
N-Channel 100 V (D-S) 175 째C MOSFET
More results


Similar Description - VBL

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1040 DIALIGHT-515-1040 Datasheet
19Kb / 1P
Optical Light Pipe, 4 Array, Panel Mounted
logo
LUMEX INC.
LPA-C011301S-X LUMEX-LPA-C011301S-X Datasheet
53Kb / 1P
3mm SINGLE UNIT, SMT, VERTICAL LIGHT PIPE
LPA-C041301S-X LUMEX-LPA-C041301S-X Datasheet
57Kb / 1P
3mm, QUAD UNIT, VERTICAL SMT LIGHT PIPE
LPA-C081301S-X LUMEX-LPA-C081301S-X Datasheet
59Kb / 1P
3mm, 8 UNIT, VERTICAL SMT LIGHT PIPE
LPA-C011301S-50 LUMEX-LPA-C011301S-50 Datasheet
64Kb / 1P
3mm SINGLE UNIT, SMT, VERTICAL LIGHT PIPE.
logo
List of Unclassifed Man...
FLPVX ETC1-FLPVX Datasheet
809Kb / 3P
FLEXIBLE LIGHT-PIPE ASSY VERTICAL, 3MM LENS CAP W/LED
logo
LUMEX INC.
LPA-C011301S-37.9 LUMEX-LPA-C011301S-37.9 Datasheet
54Kb / 1P
3MM SINGLE UNIT, SMT. VERTICAL LIGHT PIPE
LPA-C011302S-13 LUMEX-LPA-C011302S-13 Datasheet
41Kb / 1P
3MM ROUND LIGHT PIPE
LPF-C011308S LUMEX-LPF-C011308S Datasheet
59Kb / 1P
3mm RIGHT ANGLE LIGHT PIPE, 3mm HEIGHT OFF PCB
logo
Visual Communications C...
RTN112 VCC-RTN112 Datasheet
145Kb / 1P
RTN112 Retainer for LFB Series 3mm Light Pipe
10/15 Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com