Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTV105A Datasheet (PDF) - Renesas Technology Corp

IDTV105A Datasheet PDF - Renesas Technology Corp
Part # IDTV105A
Download  IDTV105A Download
File Size   498.9 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER

IDTV105A Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTV105A Datasheet PDF - Renesas Technology Corp

Part # IDTV105A
Download  IDTV105A Click to download

File Size   498.9 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER

IDTV105A Datasheet (HTML) - Renesas Technology Corp


IDTV105A Product details

Features
• Dual 32+3-bit LVTTL input supports up to 150 MHz pixel
rate.
• Dual pixel, LVDS output supports 150 MHz pixel rate
(compatible with 1080p and WUXGA resolution)
• Internal PLL requires no external loop filter
• Selectable rising or falling clock edge for data alignment
• Compatible with Spread Spectrum clock source
• Reduced LVDS output voltage swing mode (selectable)
to minimize EMI
• Single 3.3 V supply
• Low power consumption CMOS design
• Power down mode
• Available in 144 pin LQFP package (14x14mm body size)




Similar Part No. - IDTV105A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTV105ADAG IDT-IDTV105ADAG Datasheet
324Kb / 19P
DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
More results


Similar Description - IDTV105A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V385 ICST-V385 Datasheet
158Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
Revision 1.6
V385A ICST-V385A Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
V103 ICST-V103 Datasheet
150Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
Revision 2.0
V103A ICST-V103A Datasheet
148Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
AAEON Technology
PER-T061 AAEON-PER-T061 Datasheet
182Kb / 1P
Support 24-bit Dual-channel LVDS
logo
Integrated Device Techn...
IDTV105ADAG IDT-IDTV105ADAG Datasheet
324Kb / 19P
DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
logo
AAEON Technology
EPIC-BT07 AAEON-EPIC-BT07 Datasheet
342Kb / 2P
lvds 24-bit dual channel
logo
Rohm
BU90T82 ROHM-BU90T82_16 Datasheet
1Mb / 29P
27bit LVDS Dual-out Transmitter
logo
Renesas Technology Corp
V103A RENESAS-V103A Datasheet
391Kb / 12P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
V385A RENESAS-V385A Datasheet
413Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com