Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362 Datasheet (PDF) - NXP Semiconductors

DSP56362 Datasheet PDF - NXP Semiconductors
Part # DSP56362
Download  DSP56362 Download
File Size   3165.3 Kbytes
Page   152 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 24-Bit Audio Digital Signal Processor

DSP56362 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP56362 Datasheet PDF - NXP Semiconductors

Part # DSP56362
Download  DSP56362 Click to download

File Size   3165.3 Kbytes
Page   152 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 24-Bit Audio Digital Signal Processor

DSP56362 Datasheet (HTML) - NXP Semiconductors


DSP56362 Product details

Features
Multimode, multichannel decoder software functionality
— Dolby Digital and Pro Logic
— MPEG2 5.1
— DTS
— Bass management
Digital audio post-processing capabilities
— 3D Virtual surround sound
— Lucasfilm THX5.1
— Soundfield processing
— Equalization
Digital Signal Processing Core
— 100 MIPS with a 100 MHz clock at 3.3 V +/- 5%
— Object code compatible with the DSP56000 core
— Highly parallel instruction set
— Data arithmetic logic unit (ALU)
– Fully pipelined 24 x 24-bit parallel multiplier-accumulator (MAC)
– 56-bit parallel barrel shifter (fast shift and normalization; bit stream generation and parsing)
– Conditional ALU instructions
– 24-bit or 16-bit arithmetic support under software control
— Program control unit (PCU)
– Position independent code (PIC) support
– Addressing modes optimized for DSP applications (including immediate offsets)
– On-chip instruction cache controller
– On-chip memory-expandable hardware stack
– Nested hardware DO loops
– Fast auto-return interrupts
— Direct memory access (DMA)
– Six DMA channels supporting internal and external accesses
– One-, two-, and three- dimensional transfers (including circular buffering)
– End-of-block-transfer interrupts
– Triggering from interrupt lines and all peripherals
— Phase-locked loop (PLL)
– Software programmable PLL-based frequency synthesizer for the core clock
– Allows change of low-power divide factor (DF) without loss of lock
– Output clock with skew elimination
— Hardware debugging support
– On-Chip Emulation (OnCE‘) module
– Joint Action Test Group (JTAG) test access port (TAP)
– Address trace mode reflects internal program RAM accesses at the external port
On-Chip Memories
— Modified Harvard architecture allows simultaneous access to program and data memories
— 30720 x 24-bit on-chip program ROM1 (disabled in 16-bit compatibility mode)
— 6144 x 24-bit on-chip X-data ROM1
— 6144 x 24-bit on-chip Y-data ROM1
— Program RAM, instruction cache, X data RAM, and Y data RAM sizes are programmable
— 192 x 24-bit bootstrap ROM (disabled in sixteen-bit compatibility mode)
Off-Chip Memory Expansion
— Data memory expansion to 256K x 24-bit word memory for P, X, and Y memory using SRAM.
— Data memory expansion to 16M x 24-bit word memory for P, X, and Y memory using DRAM.
— External memory expansion port( twenty-four data pins for high speed external memory access
allowing for a large number of external accesses per sample)
— Chip select logic for glueless interface to SRAMs
— On-chip DRAM controller for glueless interface to DRAMs
Peripheral and Support Circuits
— Enhanced serial audio interface (ESAI) includes:
– Six serial data lines, 4 selectable as receive or transmit and 2 transmit only.
– Master or slave capability
– I2S, Sony, AC97, and other audio protocol implementations
— Serial host interface (SHI) features:
– SPI protocol with multi-master capability
– I2C protocol with single-master capability
– Ten-word receive FIFO
– Support for 8-, 16-, and 24-bit words.
— Byte-wide parallel host interface (HDI08) with DMA support
— DAX features one serial transmitter capable of supporting S/PDIF, IEC958, IEC1937, CP-340,
and AES/EBU digital audio formats; alternate configuration supports up to two GPIO lines
— Triple timer module with single external interface or GPIO line
— On-chip peripheral registers are memory mapped in data memory space
• Reduced Power Dissipation
— Very low-power (3.3 V) CMOS design
— Wait and stop low-power standby modes
— Fully-static logic, operation frequency down to 0 Hz (dc)
— Optimized power management circuitry (instruction-dependent, peripheral-dependent, and
mode-dependent)




Similar Part No. - DSP56362

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56362 MOTOROLA-DSP56362 Datasheet
2Mb / 168P
24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
24-Bit Audio Digital Signal Processor
logo
Motorola, Inc
DSP56362AD MOTOROLA-DSP56362AD Datasheet
2Mb / 168P
24-Bit Audio Digital Signal Processor
DSP56362D MOTOROLA-DSP56362D Datasheet
2Mb / 168P
24-Bit Audio Digital Signal Processor
DSP56362P MOTOROLA-DSP56362P Datasheet
2Mb / 168P
24-Bit Audio Digital Signal Processor
More results


Similar Description - DSP56362

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56362 MOTOROLA-DSP56362 Datasheet
2Mb / 168P
24-Bit Audio Digital Signal Processor
DSP56364 MOTOROLA-DSP56364 Datasheet
2Mb / 162P
24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56367 FREESCALE-DSP56367 Datasheet
1Mb / 100P
24-Bit Audio Digital Signal Processor
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
24-Bit Audio Digital Signal Processor
DSP56364 FREESCALE-DSP56364 Datasheet
2Mb / 148P
24-Bit Audio Digital Signal Processor
DSP56366 FREESCALE-DSP56366 Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
DSPB56366AG120 FREESCALE-DSPB56366AG120 Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
DSPB56367AG150 FREESCALE-DSPB56367AG150 Datasheet
1Mb / 100P
24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56366 NXP-DSP56366 Datasheet
2Mb / 110P
24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
DSP56364 NXP-DSP56364 Datasheet
2Mb / 148P
24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com