Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56366UM Datasheet (PDF) - NXP Semiconductors

DSP56366UM Datasheet PDF - NXP Semiconductors
Part # DSP56366UM
Download  DSP56366UM Download
File Size   2392.25 Kbytes
Page   110 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 24-Bit Audio Digital Signal Processor

DSP56366UM Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP56366UM Datasheet PDF - NXP Semiconductors

Part # DSP56366UM
Download  DSP56366UM Click to download

File Size   2392.25 Kbytes
Page   110 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 24-Bit Audio Digital Signal Processor

DSP56366UM Datasheet (HTML) - NXP Semiconductors


DSP56366UM Product details

Features
DSP56300 Modular Chassis
• 120 Million Instructions Per Second (MIPS) with an 120 MHz clock at 3.3V.
• Object Code Compatible with the 56K core.
• Data ALU with a 24 x 24 bit multiplier-accumulator and a 56-bit barrel shifter. 16-bit arithmetic
support.
• Program Control with position independent code support and instruction cache support.
• Six-channel DMA controller.
• PLL based clocking with a wide range of frequency multiplications (1 to 4096), predivider factors
(1 to 16) and power saving clock divider (2i: i=0 to 7). Reduces clock noise.
• Internal address tracing support and OnCE™ for Hardware/Software debugging.
• JTAG port.
• Very low-power CMOS design, fully static design with operating frequencies down to DC.
• STOP and WAIT low-power standby modes.
On-chip Memory Configuration
• 7Kx24 Bit Y-Data RAM and 8Kx24 Bit Y-Data ROM.
• 13Kx24 Bit X-Data RAM and 32Kx24 Bit X-Data ROM.
• 40Kx24 Bit Program ROM.
• 3Kx24 Bit Program RAM and 192x24 Bit Bootstrap ROM. 1K of Program RAM may be used as
Instruction Cache or for Program ROM patching.
• 2Kx24 Bit from Y Data RAM and 5Kx24 Bit from X Data RAM can be switched to Program RAM
resulting in up to 10Kx24 Bit of Program RAM.
Off-chip Memory Expansion
• External Memory Expansion Port.
• Off-chip expansion up to two 16M x 24-bit word of Data memory.
• Off-chip expansion up to 16M x 24-bit word of Program memory.
• Simultaneous glueless interface to SRAM and DRAM.
Peripheral Modules
• Serial Audio Interface (ESAI): up to 4 receivers and up to 6 transmitters, master or slave. I2S, Sony,
AC97, network and other programmable protocols.
• Serial Audio Interface I(ESAI_1): up to 4 receivers and up to 6 transmitters, master or slave. I2S,
Sony, AC97, network and other programmable protocols
The ESAI_1 shares four of the data pins with ESAI, and ESAI_1 does NOT support HCKR and
HCKT (high frequency clocks)
• Serial Host Interface (SHI): SPI and I2C protocols, multi master capability, 10-word receive FIFO,
support for 8, 16 and 24-bit words.
• Byte-wide parallel Host Interface (HDI08) with DMA support.
• Triple Timer module (TEC).
• Digital Audio Transmitter (DAX): 1 serial transmitter capable of supporting the SPDIF, IEC958,
CP-340 and AES/EBU digital audio formats.
• Pins of unused peripherals (except SHI) may be programmed as GPIO lines.




Similar Part No. - DSP56366UM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56366UM FREESCALE-DSP56366UM Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
More results


Similar Description - DSP56366UM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56362 MOTOROLA-DSP56362 Datasheet
2Mb / 168P
24-Bit Audio Digital Signal Processor
DSP56364 MOTOROLA-DSP56364 Datasheet
2Mb / 162P
24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56367 FREESCALE-DSP56367 Datasheet
1Mb / 100P
24-Bit Audio Digital Signal Processor
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
24-Bit Audio Digital Signal Processor
DSP56364 FREESCALE-DSP56364 Datasheet
2Mb / 148P
24-Bit Audio Digital Signal Processor
DSP56366 FREESCALE-DSP56366 Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
DSPB56364AF100 FREESCALE-DSPB56364AF100 Datasheet
1Mb / 148P
24-Bit Audio Digital Signal Processor
DSPB56366AG120 FREESCALE-DSPB56366AG120 Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
DSPB56367AG150 FREESCALE-DSPB56367AG150 Datasheet
1Mb / 100P
24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56364 NXP-DSP56364 Datasheet
2Mb / 148P
24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com