Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBA4101M Datasheet (PDF) - VBsemi Electronics Co.,Ltd

VBA4101M Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # VBA4101M
Download  VBA4101M Download
File Size   574.31 Kbytes
Page   7 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description Dual P-Channel 100 V (D-S) MOSFET

VBA4101M Datasheet (PDF)

Go To PDF Page Download Datasheet
VBA4101M Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # VBA4101M
Download  VBA4101M Click to download

File Size   574.31 Kbytes
Page   7 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description Dual P-Channel 100 V (D-S) MOSFET

VBA4101M Datasheet (HTML) - VBsemi Electronics Co.,Ltd


VBA4101M Product details

FEATURES
• TrenchFET® power MOSFET
• 100 % Rg and UIS tested
APPLICATIONS
• Active clamp in intermediate DC/DC
power supplies
• LED Lighting
• Load switch




Similar Part No. - VBA4101M

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBA4216 VBSEMI-VBA4216 Datasheet
947Kb / 8P
Dual P-Channel 20V (D-S) MOSFET
VBA4216 VBSEMI-VBA4216 Datasheet
621Kb / 8P
Dual P-Channel 20V (D-S) MOSFET
VBA4216 VBSEMI-VBA4216_V01 Datasheet
621Kb / 8P
Dual P-Channel 20V (D-S) MOSFET
VBA4225 VBSEMI-VBA4225 Datasheet
655Kb / 9P
Dual P-Channel 20 V (D-S) MOSFET
VBA4235 VBSEMI-VBA4235 Datasheet
668Kb / 9P
Dual P-Channel 20 V (D-S) MOSFET
More results


Similar Description - VBA4101M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM90P10-19L VISHAY-SUM90P10-19L Datasheet
229Kb / 3P
P-Channel 100-V (D-S) MOSFET
24-Jul-06
logo
Analog Power
AM90P10-30P ANALOGPOWER-AM90P10-30P Datasheet
123Kb / 3P
P-Channel 100-V (D-S) MOSFET
AM3471P ANALOGPOWER-AM3471P Datasheet
101Kb / 3P
P-Channel 100-V (D-S) MOSFET
AM7411P ANALOGPOWER-AM7411P Datasheet
372Kb / 5P
P-Channel 100-V (D-S) MOSFET
AM40P10-200P ANALOGPOWER-AM40P10-200P Datasheet
342Kb / 5P
P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SISS71DN VISHAY-SISS71DN Datasheet
254Kb / 9P
P-Channel 100 V (D-S) MOSFET
11-Jul-16
SI7457DP VISHAY-SI7457DP Datasheet
317Kb / 13P
P-Channel 100-V (D-S) MOSFET
16-Feb-09
SUP40P10-43 VISHAY-SUP40P10-43 Datasheet
106Kb / 6P
P-Channel 100-V (D-S) MOSFET
05-Oct-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com