Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZB984-C2V7 Datasheet (PDF) - Nexperia B.V. All rights reserved

BZB984-C2V7 Datasheet PDF - Nexperia B.V. All rights reserved
Part # BZB984-C2V7
Download  BZB984-C2V7 Download
File Size   275.51 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Voltage regulator double diodes

BZB984-C2V7 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZB984-C2V7 Datasheet PDF - Nexperia B.V. All rights reserved

Part # BZB984-C2V7
Download  BZB984-C2V7 Click to download

File Size   275.51 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Voltage regulator double diodes

BZB984-C2V7 Datasheet (HTML) - Nexperia B.V. All rights reserved


BZB984-C2V7 Product details

1. General description
Low-power voltage regulator diodes in a SOT663 ultra small plastic SMD package.

2. Features and benefits
• Total power dissipation: ≤ 425 mW
• Approximately 5% VZ tolerance
• Ultra small flat plastic SMD package
• Working voltage range nominal 2.4 to 15 V (E24 range)

3. Applications
• General regulation functions
• ESD and surge protection




Similar Part No. - BZB984-C2V7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZB984-C2V7 PHILIPS-BZB984-C2V7 Datasheet
57Kb / 12P
Voltage regulator double diodes
2002 Jun 21
More results


Similar Description - BZB984-C2V7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLVA2600A PHILIPS-PLVA2600A Datasheet
56Kb / 8P
Low-voltage avalanche regulator double diodes
1999 May 10
PZM-NA PHILIPS-PZM-NA Datasheet
59Kb / 12P
Voltage regulator double diodes
1999 Jun 11
BZB984 PHILIPS-BZB984 Datasheet
57Kb / 12P
Voltage regulator double diodes
2002 Jun 21
BZB784 PHILIPS-BZB784 Datasheet
63Kb / 8P
Voltage regulator double diodes
2001 Feb 27
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
Voltage regulator diodes
2004 Mar 22
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
Voltage regulator diodes
Rev. 5-26 January 2011
logo
Unisonic Technologies
AZ23C UTC-AZ23C Datasheet
125Kb / 3P
VOLTAGE REGULATOR DOUBLE DIODES
logo
Nexperia B.V. All right...
BZB784_SERIES NEXPERIA-BZB784_SERIES Datasheet
192Kb / 9P
Voltage regulator double diodes
2001 Feb 27
PLVA2600A_SERIES NEXPERIA-PLVA2600A_SERIES Datasheet
389Kb / 9P
Low-voltage avalanche regulator double diodes
2001 Oct 15
PLVA2600A_SER NEXPERIA-PLVA2600A_SER Datasheet
389Kb / 9P
Low-voltage avalanche regulator double diodes
2001 Oct 15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com