Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA5640 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA5640 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA5640
Download  MA5640 Download
File Size   220.19 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 40V, 4A Synchronous Buck Converter with CC/CV MODE

MA5640 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA5640 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA5640
Download  MA5640 Click to download

File Size   220.19 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 40V, 4A Synchronous Buck Converter with CC/CV MODE

MA5640 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA5640 Product details

GENERAL DESCRIPTION
The MA5640 is a wide input voltage range synchronous buck converter which support
CC/CV mode operating. This device integrates low RDS(ON) P-MOS + N-MOS architecture and
can provide high efficiency, maximum 100% duty voltage conversion. The MA5640 drives up
to 4A continuous output current at 240KHz switching frequency. Current mode control
provides fast transient response and the internal soft-start function prevents inrush current at
power on.
The internal protection functions include input under voltage lock-out(UVLO), input over
voltage lock-out(OVLO), cycle-by-cycle current limit and thermal shutdown protection. The
MA5640 is available in SOP8L-EP(Exposed Pad) package, provides a very compact solution
with minimal external components.

FEATURES
- 8V to 40V Wide Operating Input Voltage Range
- Integrated 75mΩ P-type MOSFET + 45mΩ N-type MOSFET Switches
- Output Voltage Adjustable: VFB(1.00V ± 2%)
- Up to 4A Output Current
- CC/CV Mode Control
- Maximum 100% Duty Operating
- Fixed 240KHz Frequency
- Cycle-by-Cycle Current Limit
- Input Under / Over Voltage Lock-Out (UVLO / OVLO)
- Thermal Shutdown Protection (OTP)
- Available in SOP8L-EP Package




Similar Part No. - MA5640

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5601 MPOWER-MA5601 Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ES MPOWER-MA5601ES Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ESA MPOWER-MA5601ESA Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5602 MPOWER-MA5602 Datasheet
525Kb / 8P
38V Synchronous Buck Converter
MA5602ES MPOWER-MA5602ES Datasheet
525Kb / 8P
38V Synchronous Buck Converter
More results


Similar Description - MA5640

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5242 AME-AME5242 Datasheet
839Kb / 15P
40V CC/CV Buck Converter
AME5244 AME-AME5244 Datasheet
875Kb / 15P
40V CC/CV Buck Converter
logo
Active-Semi, Inc
ACT4525 ACTIVE-SEMI-ACT4525 Datasheet
1Mb / 11P
40V/3.5A CV/CC Buck Converter with USB Auto ?밆etect
Rev 1.1, December 17th, 2015
ACT4526 ACTIVE-SEMI-ACT4526 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 1.2, December 28th, 2015
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
logo
E-CMOS Corporation
EC9302 E-CMOS-EC9302 Datasheet
579Kb / 8P
38V Synchronous Buck Converter With CC/CV
logo
Major-Power Technology ...
MA5621 MPOWER-MA5621 Datasheet
320Kb / 2P
40V Synchronous Buck Controller with 2ch CC/CV
MA5624 MPOWER-MA5624 Datasheet
167Kb / 2P
30V Synchronous Buck Converter with 2ch CC/CV
MA5625 MPOWER-MA5625 Datasheet
166Kb / 2P
40V Synchronous Buck Converter with 2ch CC/CV
MA5608 MPOWER-MA5608 Datasheet
260Kb / 2P
40V5A Synchronous Buck Converter With 2CH CC/CV
Rev.1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com