Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3-AA22X Datasheet (PDF) - Nel Frequency Controls,inc

S3-AA22X Datasheet PDF - Nel Frequency Controls,inc
Part # S3-AA22X
Download  S3-AA22X Download
File Size   381.36 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Frequency Range: 200 MHz to 1.7 GHz

S3-AA22X Datasheet (PDF)

Go To PDF Page Download Datasheet
S3-AA22X Datasheet PDF - Nel Frequency Controls,inc

Part # S3-AA22X
Download  S3-AA22X Click to download

File Size   381.36 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Frequency Range: 200 MHz to 1.7 GHz

S3-AA22X Datasheet (HTML) - Nel Frequency Controls,inc


S3-AA22X Product details

Description
The S3-AA22X Series of temperature compensated quartz crystal oscillators provide a Sine Wave signal.

Features
• Wide frequency range – 200MHz to1.7GHz
• User specified tolerance available
• 3.3V
• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Cover connected to ground
• Will withstand SMD reflow temperatures of 183°C for 4 minutes maximum
• High shock resistance, to 1000g




Similar Part No. - S3-AA22X

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
S3-0R005J8 RIEDON-S3-0R005J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
logo
Bourns Electronic Solut...
S3-0R1B BOURNS-S3-0R1B Datasheet
590Kb / 4P
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
REV. 10/24
S3-0R1B1 BOURNS-S3-0R1B1 Datasheet
590Kb / 4P
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
REV. 10/24
S3-0R1C BOURNS-S3-0R1C Datasheet
590Kb / 4P
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
REV. 10/24
S3-0R1C1 BOURNS-S3-0R1C1 Datasheet
590Kb / 4P
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
REV. 10/24
More results


Similar Description - S3-AA22X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SK-A29B0 NEL-SK-A29B0 Datasheet
206Kb / 2P
Frequency Range: 350.0 MHz to 1.7 GHz
SR-A29B0 NEL-SR-A29B0 Datasheet
166Kb / 2P
Frequency Range: 250.0 MHz-1.7 GHz
SR-A2A70 NEL-SR-A2A70 Datasheet
404Kb / 2P
Frequency Range: 250.0 MHz-1.7 GHz
logo
QUARTZCOM the communica...
TXO-P9-H-6P QUARTZCOM-TXO-P9-H-6P Datasheet
199Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
TXO-SK-H-4P QUARTZCOM-TXO-SK-H-4P Datasheet
201Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
VT5-256AL QUARTZCOM-VT5-256AL Datasheet
122Kb / 1P
Frequency range up to 200 MHz Low phase noise
logo
Pasternack Enterprises,...
PE15A2000 PASTERNACK-PE15A2000 Datasheet
825Kb / 10P
500 MHz to 4 GHz Frequency Range
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
50 MHz to 1 GHz Frequency Range
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
Wide frequency range 10 MHz to 1 GHz
25-Feb-13
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060F67N2T WALSIN-RFLPF1608060F67N2T Datasheet
511Kb / 7P
1.7 ~ 2.7 GHz Working Frequency
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com