Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY-A6A71-FREQ Datasheet (PDF) - Nel Frequency Controls,inc

SY-A6A71-FREQ Datasheet PDF - Nel Frequency Controls,inc
Part # SY-A6A71-FREQ
Download  SY-A6A71-FREQ Download
File Size   28.54 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Frequency Selectable Differential Sine Wave

SY-A6A71-FREQ Datasheet (PDF)

Go To PDF Page Download Datasheet
SY-A6A71-FREQ Datasheet PDF - Nel Frequency Controls,inc

Part # SY-A6A71-FREQ
Download  SY-A6A71-FREQ Click to download

File Size   28.54 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Frequency Selectable Differential Sine Wave

SY-A6A71-FREQ Datasheet (HTML) - Nel Frequency Controls,inc


SY-A6A71-FREQ Product details

Description
The SY-A6A70 Series of quartz crystal oscillators provides a Frequency Selectable Differential Sine Wave signal. The oscillator frequency is set by the voltage applied to the frequency select pin. The two selectable frequencies can be any discrete frequency selected within the range listed below. This device is to operate using positive voltage and uses multiple ground pins for improved signal integrity.

Features
• Wide frequency range - 250MHz to 1.7GHz
• User specified tolerance from ±20ppm
• Will withstand SMD reflow temperatures of 183°C for 4 minutes maximum
• High shock resistance, to 1000g
• Low Jitter Wavecrest jitter characterization available
• Low Phase Noise of -135dB Phase Noise characterization available
• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Overtone technology
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• Cover connected to ground
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design




Similar Part No. - SY-A6A71-FREQ

ManufacturerPart #DatasheetDescription
logo
FCL COMPONENTS LIMITED
SY-( )-0H-K FCL-SY-( )-0H-K Datasheet
333Kb / 8P
1 POLE - 1 to 2A (FOR SIGNAL SWITCHING)
Rev. January 10, 2025
SY-( )-K FCL-SY-( )-K Datasheet
333Kb / 8P
1 POLE - 1 to 2A (FOR SIGNAL SWITCHING)
Rev. January 10, 2025
SY-( )-K-UL FCL-SY-( )-K-UL Datasheet
333Kb / 8P
1 POLE - 1 to 2A (FOR SIGNAL SWITCHING)
Rev. January 10, 2025
SY-( )W-0H-K FCL-SY-( )W-0H-K Datasheet
333Kb / 8P
1 POLE - 1 to 2A (FOR SIGNAL SWITCHING)
Rev. January 10, 2025
SY-( )W-K FCL-SY-( )W-K Datasheet
333Kb / 8P
1 POLE - 1 to 2A (FOR SIGNAL SWITCHING)
Rev. January 10, 2025
More results


Similar Description - SY-A6A71-FREQ

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SC3011B-1 RFM-SC3011B-1 Datasheet
72Kb / 2P
600.0 MHz Differential Sine-Wave Clock
SC3048B RFM-SC3048B Datasheet
131Kb / 2P
444.0 MHz Differential Sine-Wave Clock
logo
Murata Manufacturing Co...
SC3017B MURATA-SC3017B Datasheet
78Kb / 2P
400.0 MHz Differential Sine-Wave Clock
SC3019B MURATA-SC3019B Datasheet
78Kb / 2P
500.0 MHz Differential Sine-Wave Clock
SC3035B-1 MURATA-SC3035B-1 Datasheet
138Kb / 2P
800.0 MHz Differential Sine-Wave Clock
SC3041B MURATA-SC3041B Datasheet
79Kb / 2P
300.0 MHz Differential Sine-Wave Clock
SC3042B MURATA-SC3042B Datasheet
79Kb / 2P
624.0 MHz Differential Sine-Wave Clock
SC3045B MURATA-SC3045B Datasheet
78Kb / 2P
621.60 MHz Differential Sine-Wave Clock
SC3048B MURATA-SC3048B Datasheet
103Kb / 2P
444.0 MHz Differential Sine-Wave Clock
SC3053B MURATA-SC3053B Datasheet
102Kb / 2P
750.0 MHz Differential Sine-Wave Clock
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com