Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECM-3455J Datasheet (PDF) - BCM Advanced Research.

ECM-3455J Datasheet PDF - BCM Advanced Research.
Part # ECM-3455J
Download  ECM-3455J Download
File Size   647.91 Kbytes
Page   1 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description Intel® Celeron J3455 3.5” SBC Micro Module

ECM-3455J Datasheet (PDF)

Go To PDF Page Download Datasheet
ECM-3455J Datasheet PDF - BCM Advanced Research.

Part # ECM-3455J
Download  ECM-3455J Click to download

File Size   647.91 Kbytes
Page   1 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description Intel® Celeron J3455 3.5” SBC Micro Module

ECM-3455J Datasheet (HTML) - BCM Advanced Research.


ECM-3455J Product details

Features
• Intel® Celeron J3455 Quad Core SoC Processor 1.5 GHz up to
2.3GHz max • 1 x SODIMM DDR3L 1600MHz up to 8GB • 32GB eMMC Onboard • Supports Dual Display: HDMI, LVDS • Supports Dual LAN • 1 x M.2, 1 x mini-PCIe with mSATA support & uSIM • TPM 2.0 Onboard • HDMI, 18/24-bit LVDS • 4 x USB 3.0, 4 x USB 2.0 • 2 x COM • I²C, SMBus, GPIO • 2 x Gigabit LAN • Fanless Operation with Heatspreader • 9V-36V Wide Range DC-In




Similar Part No. - ECM-3455J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECM-10 ETC-ECM-10 Datasheet
517Kb / 2P
ELECTRET CONDENSER MICROPHONE UNIT
logo
Ecliptek Corporation
ECM-20-30.000M-GA ECLIPTEK-ECM-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-GTR ECLIPTEK-ECM-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-I2A ECLIPTEK-ECM-20-30.000M-I2A Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-I2TR ECLIPTEK-ECM-20-30.000M-I2TR Datasheet
109Kb / 3P
CRYSTAL
More results


Similar Description - ECM-3455J

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-3360 ADVANTECH-MIO-3360 Datasheet
770Kb / 2P
Intel® Pentium N4200/Celeron N3350 Pico-ITX SBC
12-Mar-2021
MIO-5152 ADVANTECH-MIO-5152 Datasheet
5Mb / 6P
Intel® Atom® x6000E series and Intel Celeron N and J series 3.5" SBC
27-May-2022
MIO-5850 ADVANTECH-MIO-5850 Datasheet
4Mb / 6P
Intel® Celeron J1900 & Atom™ E3825/ E3845, 3.5" SBC
17-Aug-2021
PCM-9366 ADVANTECH-PCM-9366 Datasheet
822Kb / 2P
Intel® Pentium N4200, Celeron N3350 & Atom™ E3950, 3.5" MI/O SBC
18-Mar-2021
logo
BCM Advanced Research.
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
ECM-EHL BCM-ECM-EHL Datasheet
1Mb / 1P
Intel® Celeron®/Atom™ Elkhart Lake SoC 3.5” Micro Module
02/17/2023
ECM-WHL BCM-ECM-WHL Datasheet
668Kb / 1P
8th Gen Intel® Whiskey Lake 3.5” Micro Module
2021/07/29
EPX-APLP BCM-EPX-APLP Datasheet
147Kb / 1P
Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
NUC-APL-SLIM BCM-NUC-APL-SLIM Datasheet
370Kb / 1P
Intel® Celeron® J3455 Processor Apollo Lake Fanless NUC Slim System
2021/09/14
OFT-21W04 BCM-OFT-21W04 Datasheet
327Kb / 2P
21.5” Open Frame Tablet with Intel® Celeron J3455 Processor Onboard
2022/06/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com