Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2010AEB Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG2010AEB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG2010AEB
Download  PMEG2010AEB Download
File Size   208.67 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 1 A low VF MEGA Schottky barrier rectifier

PMEG2010AEB Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG2010AEB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG2010AEB
Download  PMEG2010AEB Click to download

File Size   208.67 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 1 A low VF MEGA Schottky barrier rectifier

PMEG2010AEB Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG2010AEB Product details

1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated
guard ring for stress protection, encapsulated in a SOD523 (SC-79) ultra small plastic SMD
package.

2. Features and benefits
• Forward current: 1.0 A
• Reverse voltage: 20 V
• Ultra low forward voltage
• Ultra small SMD package

3. Applications
• Low voltage rectification
• High efficiency DC/DC conversion
• Voltage clamping
• Inverse-polarity protection
• Low power consumption applications




Similar Part No. - PMEG2010AEB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010AEB PHILIPS-PMEG2010AEB Datasheet
57Kb / 8P
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
PMEG2010AEB NXP-PMEG2010AEB Datasheet
114Kb / 8P
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
logo
Nexperia B.V. All right...
PMEG2010AEB-Q NEXPERIA-PMEG2010AEB-Q Datasheet
182Kb / 10P
20 V, 1 A low VF MEGA Schottky barrier rectifier
25 October 2021
logo
Microchip Technology
PMEG2010AEB115 MICROCHIP-PMEG2010AEB115 Datasheet
2Mb / 36P
Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
NXP Semiconductors
PMEG2010AEB PHILIPS-PMEG2010AEB_15 Datasheet
114Kb / 8P
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
More results


Similar Description - PMEG2010AEB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005EPK PHILIPS-PMEG2005EPK Datasheet
1Mb / 13P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-12 January 2012
PMEG2010EPK PHILIPS-PMEG2010EPK Datasheet
1Mb / 13P
20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-20 January 2012
PMEG2010BELD NXP-PMEG2010BELD Datasheet
966Kb / 14P
20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-18 April 2012
PMEG2010BELD PHILIPS-PMEG2010BELD_15 Datasheet
211Kb / 14P
20 V, 1 A low VF MEGA Schottky barrier rectifier
4 August 2015
PMEG2010EPAS PHILIPS-PMEG2010EPAS_15 Datasheet
231Kb / 15P
20 V, 1 A low VF MEGA Schottky barrier rectifier
19 January 2015
PMEG2010EPK PHILIPS-PMEG2010EPK_15 Datasheet
1Mb / 14P
20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2-14 March 2012
logo
Nexperia B.V. All right...
PMEG2010EPAS NEXPERIA-PMEG2010EPAS Datasheet
713Kb / 15P
20 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG2010AEB-Q NEXPERIA-PMEG2010AEB-Q Datasheet
182Kb / 10P
20 V, 1 A low VF MEGA Schottky barrier rectifier
25 October 2021
PMEG2010BELD-Q NEXPERIA-PMEG2010BELD-Q Datasheet
244Kb / 12P
20 V, 1 A low VF MEGA Schottky barrier rectifier
18 May 2021
PMEG2010EPK NEXPERIA-PMEG2010EPK Datasheet
1Mb / 15P
20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 14 March 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com