Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2020EJ Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG2020EJ Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG2020EJ
Download  PMEG2020EJ Download
File Size   181.8 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 2 A very low VF Schottky barrier rectifier

PMEG2020EJ Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG2020EJ Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG2020EJ
Download  PMEG2020EJ Click to download

File Size   181.8 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 2 A very low VF Schottky barrier rectifier

PMEG2020EJ Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG2020EJ Product details

1. General description
Planar Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in
a very small and flat lead SOD323F Surface Mounted Device (SMD) plastic package.

2. Features and benefits
• Forward current: 2 A
• Reverse voltage: 20 V
• Very low forward voltage
• Small and flat lead SMD plastic package
• AEC-Q101 qualified

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch mode power supply
• Inverse polarity protection
• Low power consumption applications




Similar Part No. - PMEG2020EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2020EJ PHILIPS-PMEG2020EJ Datasheet
60Kb / 10P
20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG2020EJ PHILIPS-PMEG2020EJ Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PMEG2020EJ NXP-PMEG2020EJ Datasheet
115Kb / 10P
20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG2020EJ PHILIPS-PMEG2020EJ Datasheet
115Kb / 10P
20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
logo
Nexperia B.V. All right...
PMEG2020EJ-Q NEXPERIA-PMEG2020EJ-Q Datasheet
180Kb / 8P
20 V, 2 A very low VF Schottky barrier rectifier
26 April 2023
More results


Similar Description - PMEG2020EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2020EH PHILIPS-PMEG2020EH Datasheet
60Kb / 10P
20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG2020EH PHILIPS-PMEG2020EH Datasheet
115Kb / 10P
20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
logo
Nexperia B.V. All right...
PMEG2005AEA-Q NEXPERIA-PMEG2005AEA-Q Datasheet
190Kb / 8P
20 V, 0.5 A very low VF Schottky barrier rectifier
11 May 2022
PMEG2005ET-Q NEXPERIA-PMEG2005ET-Q Datasheet
196Kb / 9P
20 V, 0.5 A very low VF MEGA Schottky barrier rectifier
14 February 2022
PMEG2005AEA NEXPERIA-PMEG2005AEA Datasheet
214Kb / 8P
20 V, 0.5 A very low VF Schottky barrier rectifier
1 January 2023
PMEG2005AEV NEXPERIA-PMEG2005AEV Datasheet
183Kb / 8P
20 V, 0.5 A very low VF Schottky barrier rectifier
28 December 2022
PMEG2005EH NEXPERIA-PMEG2005EH Datasheet
239Kb / 8P
20 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG2005EJ NEXPERIA-PMEG2005EJ Datasheet
211Kb / 8P
20 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG2020EH NEXPERIA-PMEG2020EH Datasheet
180Kb / 8P
20 V, 2 A very low VF Schottky barrier rectifier
26 April 2023
PMEG2020EJ-Q NEXPERIA-PMEG2020EJ-Q Datasheet
180Kb / 8P
20 V, 2 A very low VF Schottky barrier rectifier
26 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com