Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC865 Datasheet (PDF) - NXP Semiconductors

LPC865 Datasheet PDF - NXP Semiconductors
Part # LPC865
Download  LPC865 Download
File Size   1917.17 Kbytes
Page   99 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers

LPC865 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC865 Datasheet PDF - NXP Semiconductors

Part # LPC865
Download  LPC865 Click to download

File Size   1917.17 Kbytes
Page   99 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers

LPC865 Datasheet (HTML) - NXP Semiconductors


LPC865 Product details

General description
The LPC86x is an Arm Cortex-M0+ based, low-cost 32-bit MCU family operating at CPU
frequencies of up to 60 MHz. The LPC86x supports up to 64 KB of flash memory and
8 KB of SRAM.
The peripheral complement of the LPC86x includes a CRC engine, one I2C-bus interface,
one I3C-MIPI bus interface, up to three USARTs, up to two SPI interfaces, one multi-rate
timer, self-wake-up timer, two FlexTimers (one with full motor control feature), a DMA, one
12-bit ADC, one analog comparator, function-configurable I/O ports through a switch
matrix, an input pattern match engine, and up to 54 general-purpose I/O pins.

Features and benefits
 System:
 Arm Cortex-M0+ processor (revision r0p1), running at frequencies of up to 60 MHz
with single-cycle multiplier and fast single-cycle I/O port.
 Arm Cortex-M0+ built-in Nested Vectored Interrupt Controller (NVIC).
 System tick timer.
 AHB multilayer matrix.
 Serial Wire Debug (SWD) with four break points and two watch points. JTAG
boundary scan (BSDL) supported only.
 Memory:
 Up to 64 KB on-chip flash programming memory with 64 Byte page write and
erase.
 Code Read Protection (CRP).
 Up to 8 KB SRAM consisting of contiguous SRAM banks.
 Bit-band addressing is supported to permit atomic operations to modify a single bit.
 ROM API support:
 Boot loader.
 Supports Flash In-Application Programming (IAP).
 Supports In-System Programming (ISP) through USART.
 FRO API.
 Digital peripherals:
 High-speed GPIO interface connected to the Arm Cortex-M0+ I/O bus with up to 54
General-Purpose I/O (GPIO) pins with configurable pull-up/pull-down resistors,
programmable open-drain mode, input inverter, and digital filter. GPIO direction
control supports independent set/clear/toggle of individual bits. The GPIO pins are
tri-state when power is on.
 High-current source output driver (20 mA) on four pins.
 High-current sink driver (20 mA) on two true open-drain pins.
 GPIO interrupt generation capability with a boolean pattern-matching feature on
eight GPIO inputs.
 Switch matrix for flexible configuration of each I/O pin function.
 CRC engine.
 DMA with 16 channels and 13 trigger inputs.
 Timers:
 Two FlexTimers with DMA support and a selection of hardware triggers. The first
FlexTimer has six channels and includes support for motor control (including Fault
Control). The second FlexTimer has four channels. This timer does not include
Fault Control but includes a Quadrature Decoder interface. Both FlexTimers are
clocked up to 60 MHz.
 Four-channel Multi-Rate Timer (MRT) for repetitive interrupt generation at up to
four programmable, fixed rates.
 Self-Wake-up Timer (WKT) clocked from either Free Running Oscillator (FRO), a
low-power, low-frequency internal oscillator, or an external clock input in the
always-on power domain.
 Windowed Watchdog timer (WWDT).
 Analog peripherals:
 One 12-bit ADC with up to 12 input channels with multiple internal and external
trigger inputs and with sample rates of up to 1.9 Msamples/s. The ADC supports
two independent conversion sequences.
 Comparator with five input pins and external or internal reference voltage.
 Serial peripherals:
 Three USART interfaces with pin functions are assigned through the switch matrix,
support receives idle interrupt, and two fractional baud rate generators.
 Two SPI controllers with pin functions are assigned through the switch matrix.
 One I2C-bus interface. I2C supports Fast-mode Plus with a 1 Mbit/s data rate on
two true open-drain pins and listen mode.
 One controller/target I3C-MIPI bus interface. The I3C supports DDR. It is supported
by the general-purpose DMA controller.
 Clock generation:
 Free Running Oscillator (FRO). This oscillator provides selectable 60 MHz, 48
MHz, and 36 MHz outputs that can be used as a system clock. Also, these outputs
can be divided down to 30 MHz, 24 MHz, and 18 MHz for the system clock. The
FRO is trimmed to 1 % accuracy over the entire voltage and temperature range of
0 °C to 70 °C.
 External clock input for clock frequencies of up to 25 MHz.
 Crystal oscillator with an operating range of 1 MHz to 25 MHz.
 1 MHz (+3%) low-power oscillator (LPOSC) can be used as a clock source for the
watchdog timer.
 PLL allows CPU operation up to the maximum CPU rate without the need for a
high-frequency crystal. May be run from the system oscillator, the external clock
input, or the internal FRO.
 Clock output function with a divider that can reflect all internal clock sources.
 Power control:
 Reduced power modes: sleep mode, deep-sleep mode, power-down mode, and
deep power-down mode.
 Wake up from deep-sleep and power-down modes on activity on USART, SPI, I2C,
and I3C peripherals.
 Timer-controlled self wake up from deep power-down mode.
 Power-On Reset (POR).
 Brownout detect (BOD).
 Unique device serial number for identification.
 Single power supply (1.8 V to 3.6 V).
 Operating temperature range -40 °C to +105 °C.
 Available in LQFP64, HVQFN48, and HVQFN32 packages.

Applications
 Sensor gateways
 Industrial
 Gaming controllers
 8/16-bit applications
 Consumer
 Climate control
 Simple motor control
 Portables and wearables
 Lighting
 Motor control
 Fire and security applications




Similar Part No. - LPC865

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC800 NXP-LPC800 Datasheet
5Mb / 24P
NXP LPC microcontrollers
November 2012
LPC802 NXP-LPC802 Datasheet
2Mb / 83P
32-bit ARM Cortex-M0 microcontroller
Rev. 1.6-27 April 2018
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
LPC804 NXP-LPC804 Datasheet
3Mb / 89P
32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
Rev.2.0-21 September2021
LPC804 NXP-LPC804 Datasheet
1Mb / 89P
32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
Rev. 2.1 - 25 July 2023
More results


Similar Description - LPC865

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC82X PHILIPS-LPC82X_15 Datasheet
1Mb / 81P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1-1 October 2014
logo
Holtek Semiconductor In...
HT32F0008 HOLTEK-HT32F0008 Datasheet
1Mb / 46P
32-Bit Arm Cortex -M0 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC112X NXP-LPC112X Datasheet
1Mb / 63P
32-bit ARM Cortex-M0 microcontroller; 64 kB flash and 8 kB SRAM; 12-bit ADC
Rev. 1-24 February 2015
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC82X NXP-LPC82X_V01 Datasheet
2Mb / 85P
32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.5 - 7 February 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com