Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2049 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS2049 Datasheet PDF - Texas Instruments
Part # TPS2049
Download  TPS2049 Download
File Size   247.09 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SINGLE-CHANNEL 100 mA POWER SWITCH

TPS2049 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2049 Datasheet PDF - Texas Instruments

Part # TPS2049
Download  TPS2049 Click to download

File Size   247.09 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SINGLE-CHANNEL 100 mA POWER SWITCH

TPS2049 Datasheet (HTML) - Texas Instruments




Similar Part No. - TPS2049

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2049 TI2-TPS2049 Datasheet
676Kb / 18P
SINGLE-CHANNEL 100 mA POWER SWITCH
REVISED SEPTEMBER 2007
TPS2049D TI2-TPS2049D Datasheet
676Kb / 18P
SINGLE-CHANNEL 100 mA POWER SWITCH
REVISED SEPTEMBER 2007
TPS2049D.A TI2-TPS2049D.A Datasheet
676Kb / 18P
SINGLE-CHANNEL 100 mA POWER SWITCH
REVISED SEPTEMBER 2007
TPS2049DR TI2-TPS2049DR Datasheet
676Kb / 18P
SINGLE-CHANNEL 100 mA POWER SWITCH
REVISED SEPTEMBER 2007
TPS2049DR.A TI2-TPS2049DR.A Datasheet
676Kb / 18P
SINGLE-CHANNEL 100 mA POWER SWITCH
REVISED SEPTEMBER 2007
More results


Similar Description - TPS2049

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
USB Single-Channel Power Switch
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
4625.2006.04.1.2
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
0.5A Single Channel USB Power Switch
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
1A Single Channel USB Power Switch
TS2024 TSC-TS2024 Datasheet
395Kb / 8P
1.5A Single Channel USB Power Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
Single-Channel Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Rev erse
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
Single Channel USB Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
Single-Channel Power Distribution Switch
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com