Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1732878 Datasheet (PDF) - PHOENIX CONTACT

1732878 Datasheet PDF - PHOENIX CONTACT
Part # 1732878
Download  1732878 Download
File Size   1703.35 Kbytes
Page   25 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCN 2,5/16-ST - PCB connector

1732878 Datasheet (PDF)

Go To PDF Page Download Datasheet
1732878 Datasheet PDF - PHOENIX CONTACT

Part # 1732878
Download  1732878 Click to download

File Size   1703.35 Kbytes
Page   25 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCN 2,5/16-ST - PCB connector

1732878 Datasheet (HTML) - PHOENIX CONTACT


1732878 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Socket, number of potentials: 16,
number of rows: 1, number of positions: 16, number of connections: 16, product range: FKCN
2,5/..-ST, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive use through colour coded actuation lever
• Extremely small design for the respective conductor cross section
• Defined contact force ensures that contact remains stable over the long term
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1732878

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1732807 PHOENIX-1732807 Datasheet
66Kb / 4P
Printed-circuit board connector - FKCN 2,5/ 8-ST
1732810 PHOENIX-1732810 Datasheet
413Kb / 19P
Printed-circuit board connector - FKCN 2,5/ 9-ST
09/11/2020
1732823 PHOENIX-1732823 Datasheet
1Mb / 26P
PCB connector - FKCN 2,5/10-ST
1732833 PHOENIX-1732833 Datasheet
356Kb / 14P
Printed-circuit board connector - FKCN 2,5/11-ST
1732836 PHOENIX-1732836 Datasheet
413Kb / 19P
Printed-circuit board connector - FKCN 2,5/12-ST
09/11/2020
More results


Similar Description - 1732878

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1732894 PHOENIX-1732894 Datasheet
61Kb / 3P
Printed-circuit board connector - FKCN 2,5/18-ST
1754571 PHOENIX-1754571 Datasheet
1Mb / 29P
PCB connector - FKCN 2,5/ 3-ST-5,08
Nov 30, 2022
1754649 PHOENIX-1754649 Datasheet
1Mb / 24P
PCB connector - FKCN 2,5/10-ST-5,08
Jan 3, 2023
1732823 PHOENIX-1732823 Datasheet
1Mb / 26P
PCB connector - FKCN 2,5/10-ST
1732852 PHOENIX-1732852 Datasheet
1Mb / 25P
PCB connector - FKCN 2,5/14-ST
1732962 PHOENIX-1732962 Datasheet
704Kb / 20P
PCB connector - FKCN 2,5/ 2-STF
1733042 PHOENIX-1733042 Datasheet
679Kb / 19P
FKCN 2,5/10-STF - PCB connector
1733097 PHOENIX-1733097 Datasheet
678Kb / 19P
FKCN 2,5/16-STF - PCB connector
1754704 PHOENIX-1754704 Datasheet
1Mb / 24P
FKCN 2,5/16-ST-5,08 - PCB connector
1732865 PHOENIX-1732865 Datasheet
1Mb / 25P
FKCN 2,5/15-ST - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com