Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1825637 Datasheet (PDF) - PHOENIX CONTACT

1825637 Datasheet PDF - PHOENIX CONTACT
Part # 1825637
Download  1825637 Download
File Size   822.76 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IC 2,5/15-STGF-5,08 - PCB connector

1825637 Datasheet (PDF)

Go To PDF Page Download Datasheet
1825637 Datasheet PDF - PHOENIX CONTACT

Part # 1825637
Download  1825637 Click to download

File Size   822.76 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IC 2,5/15-STGF-5,08 - PCB connector

1825637 Datasheet (HTML) - PHOENIX CONTACT


1825637 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Pin, number of potentials: 15, number
of rows: 1, number of positions: 15, number of connections: 15, product range: IC 2,5/..-STGF,
pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head form: L
Slotted, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plug-in
system: COMBICON MSTB 2,5, locking: Screw locking, mounting: Threaded flange, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Easy PCB replacement thanks to plug-in modules
• Screwable flange for superior mechanical stability
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections
• Can be combined with the MSTB 2,5 range
• Low temperature rise, thanks to maximum contact force




Similar Part No. - 1825637

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1825636 PHOENIX-1825636 Datasheet
86Kb / 3P
MSTB 2,5/ 5-GF BK PA 1,3,5
11/04/2018
More results


Similar Description - 1825637

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1825501 PHOENIX-1825501 Datasheet
147Kb / 6P
IC 2,5/ 2-STGF-5,08
1825514 PHOENIX-1825514 Datasheet
143Kb / 6P
IC 2,5/ 3-STGF-5,08
1825527 PHOENIX-1825527 Datasheet
147Kb / 6P
IC 2,5/ 4-STGF-5,08
1825530 PHOENIX-1825530 Datasheet
147Kb / 6P
IC 2,5/ 5-STGF-5,08
1825543 PHOENIX-1825543 Datasheet
143Kb / 6P
IC 2,5/ 6-STGF-5,08
1825569 PHOENIX-1825569 Datasheet
143Kb / 6P
IC 2,5/ 8-STGF-5,08
1825640 PHOENIX-1825640 Datasheet
143Kb / 6P
IC 2,5/16-STGF-5,08
1825666 PHOENIX-1825666 Datasheet
145Kb / 6P
IC 2,5/18-STGF-5,08
1825682 PHOENIX-1825682 Datasheet
140Kb / 6P
IC 2,5/20-STGF-5,08
1825598 PHOENIX-1825598 Datasheet
851Kb / 19P
IC 2,5/11-STGF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com