Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1833959 Datasheet (PDF) - PHOENIX CONTACT

1833959 Datasheet PDF - PHOENIX CONTACT
Part # 1833959
Download  1833959 Download
File Size   474.82 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UMSTBVK 2,5/16-ST-5,08 - DIN rail connector

1833959 Datasheet (PDF)

Go To PDF Page Download Datasheet
1833959 Datasheet PDF - PHOENIX CONTACT

Part # 1833959
Download  1833959 Click to download

File Size   474.82 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UMSTBVK 2,5/16-ST-5,08 - DIN rail connector

1833959 Datasheet (HTML) - PHOENIX CONTACT


1833959 Product details

DIN rail connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Socket, number of potentials: 16,
number of rows: 1, number of positions: 16, number of connections: 16, product range:
UMSTBVK 2,5/..-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: DIN rail, conductor/PCB connection direction: 0 °, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting: without, type of packaging: packed
in cardboard

Your advantages
• Direct plug-in block with universal foot for mounting on NS 32 or NS 35 DIN rail
• Can be combined with the MSTB 2,5 range
• Well-known connection principle allows worldwide use




Similar Part No. - 1833959

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1833904 PHOENIX-1833904 Datasheet
152Kb / 6P
MSTBVA 2,5/11-G-5,08
1833904 PHOENIX-1833904 Datasheet
151Kb / 7P
IC 2,5/11-ST-5,08
1833917 PHOENIX-1833917 Datasheet
152Kb / 6P
MSTBVA 2,5/12-G-5,08
1833917 PHOENIX-1833917 Datasheet
150Kb / 6P
MSTBV 2,5/12-G-5,08
1833917 PHOENIX-1833917 Datasheet
151Kb / 6P
MSTB 2,5/12-G-5,08
More results


Similar Description - 1833959

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1788198 PHOENIX-1788198 Datasheet
620Kb / 17P
DIN rail connector - UMSTBVK 2,5/10-G-5,08
Sep 8, 2022
1787940 PHOENIX-1787940 Datasheet
724Kb / 18P
DIN rail connector - UMSTBVK 2,5/ 4-GF-5,08
Jan 3, 2023
1787982 PHOENIX-1787982 Datasheet
724Kb / 18P
DIN rail connector - UMSTBVK 2,5/ 8-GF-5,08
Jan 3, 2023
1788279 PHOENIX-1788279 Datasheet
541Kb / 15P
DIN rail connector - UMSTBVK 2,5/18-G-5,08
Jan 3, 2023
1787953 PHOENIX-1787953 Datasheet
727Kb / 18P
DIN rail connector - UMSTBVK 2,5/ 5-GF-5,08
1788020 PHOENIX-1788020 Datasheet
727Kb / 18P
DIN rail connector - UMSTBVK 2,5/12-GF-5,08
1787966 PHOENIX-1787966 Datasheet
727Kb / 18P
DIN rail connector - UMSTBVK 2,5/ 6-GF-5,08
1787979 PHOENIX-1787979 Datasheet
727Kb / 18P
UMSTBVK 2,5/ 7-GF-5,08 - DIN rail connector
1788091 PHOENIX-1788091 Datasheet
665Kb / 16P
UMSTBVK 2,5/19-GF-5,08 - DIN rail connector
1788101 PHOENIX-1788101 Datasheet
666Kb / 16P
UMSTBVK 2,5/20-GF-5,08 - DIN rail connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com