Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1861580 Datasheet (PDF) - PHOENIX CONTACT

1861580 Datasheet PDF - PHOENIX CONTACT
Part # 1861580
Download  1861580 Download
File Size   397.17 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - FKCOR 2,5/14-STF-5,08

1861580 Datasheet (PDF)

Go To PDF Page Download Datasheet
1861580 Datasheet PDF - PHOENIX CONTACT

Part # 1861580
Download  1861580 Click to download

File Size   397.17 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - FKCOR 2,5/14-STF-5,08

1861580 Datasheet (HTML) - PHOENIX CONTACT


1861580 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 14, number of rows: 1, number of positions: 14, number of connections: 14, product
range: FKCOR 2,5/..-STF, pitch: 5.08 mm, connection method: Push-in spring connection,
conductor/PCB connection direction: 90 °, locking clip: - Locking clip, plug-in system:
COMBICON MSTB 2,5, locking: Screw locking, mounting: Screw flange, type of packaging:
packed in cardboard

Your advantages
• The conductor connection orthogonal to the direction of operation simplifies the cabling of DIN-rail-mountable devices
• Time saving push-in connection, tools not required
• Intuitive use through colour coded actuation lever
• Screwable flange for superior mechanical stability
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1861580

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18615 ATOM-18615 Datasheet
277Kb / 2P
AT9422
31st of January 2025 05:57:13
logo
PHOENIX CONTACT
1861506 PHOENIX-1861506 Datasheet
424Kb / 14P
PCB connector - FKCOR 2,5/ 6-STF-5,08
Jan 10, 2023
1861519 PHOENIX-1861519 Datasheet
408Kb / 14P
FKCOR 2,5/ 7-STF-5,08 - PCB connector
1861522 PHOENIX-1861522 Datasheet
405Kb / 14P
FKCOR 2,5/ 8-STF-5,08 - PCB connector
1861535 PHOENIX-1861535 Datasheet
443Kb / 16P
FKCOR 2,5/ 9-STF-5,08 - PCB connector
More results


Similar Description - 1861580

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861506 PHOENIX-1861506 Datasheet
424Kb / 14P
PCB connector - FKCOR 2,5/ 6-STF-5,08
Jan 10, 2023
1861548 PHOENIX-1861548 Datasheet
424Kb / 14P
PCB connector - FKCOR 2,5/10-STF-5,08
Jan 10, 2023
1861603 PHOENIX-1861603 Datasheet
397Kb / 13P
PCB connector - FKCOR 2,5/16-STF-5,08
Jan 10, 2023
1861645 PHOENIX-1861645 Datasheet
397Kb / 13P
PCB connector - FKCOR 2,5/20-STF-5,08
Jan 4, 2023
1861629 PHOENIX-1861629 Datasheet
391Kb / 13P
FKCOR 2,5/18-STF-5,08 - PCB connector
1861658 PHOENIX-1861658 Datasheet
372Kb / 12P
FKCOR 2,5/21-STF-5,08 - PCB connector
1861661 PHOENIX-1861661 Datasheet
372Kb / 12P
FKCOR 2,5/22-STF-5,08 - PCB connector
1861483 PHOENIX-1861483 Datasheet
424Kb / 14P
FKCOR 2,5/ 4-STF-5,08 - PCB connector
1861519 PHOENIX-1861519 Datasheet
408Kb / 14P
FKCOR 2,5/ 7-STF-5,08 - PCB connector
1861674 PHOENIX-1861674 Datasheet
360Kb / 12P
FKCOR 2,5/23-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com