Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-1380 Datasheet (PDF) - Nel Frequency Controls,inc

HA-1380 Datasheet PDF - Nel Frequency Controls,inc
Part # HA-1380
Download  HA-1380 Download
File Size   288.1 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CMOS Compatible Enable/Disable

HA-1380 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-1380 Datasheet PDF - Nel Frequency Controls,inc

Part # HA-1380
Download  HA-1380 Click to download

File Size   288.1 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CMOS Compatible Enable/Disable

HA-1380 Datasheet (HTML) - Nel Frequency Controls,inc


HA-1380 Product details

Description

The HA-1380 Seriesof quartz crystal oscillators provide enable/disable 3-state CMOS compatible signals for bus connected systems. Supplying pin 1 of the HA-1380units with a logic “1" enables its Pin 5 output. In the disabled mode, Pin 5 presents a high impedance to the load. All units are resistance welded in an all metal package, offering RFI shielding, and are designed to survive standard wave soldering operations without damage. Insulated standoffs to enhance board cleaning are standard.



Features

• Wide frequency range– 0.5MHz to 36MHz

• User specified tolerance available

• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum

• Space-saving alternative to discrete component oscillators

• High shock resistance, to 3000g

• All metal, resistance weld, hermetically sealed package

• Low Jitter

• High Q Crystal actively tuned oscillator circuit

• Power supply decoupling internal

• No internal PLL avoids cascading PLL problems

• Low power consumption

• Gold plated leads - Solder dipped leads available upon request

• RoHS Compliant, Lead Free Construction (unless solder dipped leads are supplied)




Similar Part No. - HA-1380

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HA-1380 NEL-HA-1380_10 Datasheet
60Kb / 2P
CMOS Compatible Enable/Disable
More results


Similar Description - HA-1380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA-A1370 ETC-HA-A1370 Datasheet
389Kb / 2P
CMOS Compatible Enable/Disable
logo
Nel Frequency Controls,...
HS-1370 NEL-HS-1370 Datasheet
257Kb / 2P
CMOS Compatible Enable/Disable
HA-1210 NEL-HA-1210 Datasheet
298Kb / 2P
TTL Compatible Enable/Disable
HS-A1370 NEL-HS-A1370 Datasheet
257Kb / 2P
CMOS Compatible Enable/Disable
HA-1210 NEL-HA-1210_12 Datasheet
61Kb / 2P
TTL Compatible Enable/Disable
HA-1380 NEL-HA-1380_10 Datasheet
60Kb / 2P
CMOS Compatible Enable/Disable
HA-A1370 NEL-HA-A1370_10 Datasheet
60Kb / 2P
CMOS Compatible Enable/Disable
HS-1200 NEL-HS-1200_10 Datasheet
58Kb / 2P
TTL Compatible Enable/Disable
HS-1370 NEL-HS-1370_10 Datasheet
58Kb / 2P
CMOS Compatible Enable/Disable
HS-A1370 NEL-HS-A1370_10 Datasheet
58Kb / 2P
CMOS Compatible Enable/Disable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com