Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA40011 Datasheet (PDF) - List of Unclassifed Manufacturers

SA40011 Datasheet PDF - List of Unclassifed Manufacturers
Part # SA40011
Download  SA40011 Download
File Size   394.08 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Dual Axis Signal Conditioning Module

SA40011 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA40011 Datasheet PDF - List of Unclassifed Manufacturers

Part # SA40011
Download  SA40011 Click to download

File Size   394.08 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Dual Axis Signal Conditioning Module

SA40011 Datasheet (HTML) - List of Unclassifed Manufacturers


SA40011 Product details

[Hy-LINE®]

The SA40011- Dual Axis Signal Conditioning Module is a bipolar DC input/output operated device, specifically designed to interface directly with the entire line of SP5000 Series Dual Axis Tilt Sensors. This PC board mountable module internally converts the DC input voltage into an AC excitation voltage for the sensor, and demodulates the sensor output into a smooth amplified DC output voltage. Incorporating a proprietary signal processing algorithm, and an external temperature compensation sensor (optional), normal measurement errors are severely reduced. The SA40011 also features overload protection, and is 100% reliability tested to provide the highest quality available.

General Specifications
   Input voltage ......…………....+/-10 to +/-16Vdc
   Input current .....………….... 12mA
   Sensor excitation ..……….... 10 V pp, square wave
   Input impedance ...……….... 5 megohms
   Output ......………………..... +/-7Vdc @ +/-10Vdc input
   Time constant .………......... 150 msec
   Offset adjustment ……........ +/-1Vdc
   Output ripple ........………..... 0.2% / Vdc output
   Temperature coefficients (module w/out sensor)
      - Null .......…….….... 60 microvolts / °C (typical)
      - Scale .……...…..... 0.02% / °C
   Output short duration .…..... Continuous
   Temperature range
      - Operating ……...... -20 to +70°C
      - Storage ..…….…... -40 to +80°C
   Temperature Compensation
      - Temperature compensation of the assembly (module and sensor) can be accomplished using an external silicon temperature sensor (KTY81-120) and resistor (47k ohm typical). With this configuration, it is possible to reduce the scale temperature coefficient error from a 0.3%/CO (nominal), to 0.03%/CO (nominal). Please see wiring diagram for connection points.




Similar Part No. - SA40011

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA400(C)-G COMCHIP-SA400(C)-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
SA400A(CA)-G COMCHIP-SA400A(CA)-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
SA400A-HF COMCHIP-SA400A-HF Datasheet
381Kb / 6P
Axial Lead Transient Voltage Suppressor
SA400ACA-HF COMCHIP-SA400ACA-HF Datasheet
381Kb / 6P
Axial Lead Transient Voltage Suppressor
logo
Kingston Technology Far...
SA400M8/120G KINGSTON-SA400M8/120G Datasheet
199Kb / 2P
Incredible speeds plus rock-solid reliability
More results


Similar Description - SA40011

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B32 AD-5B32 Datasheet
674Kb / 8P
Single-Channel Signal Conditioning Module
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
Signal Conditioning: Amplified
logo
Texas Instruments
TLK1002A TI-TLK1002A Datasheet
618Kb / 16P
DUAL SIGNAL CONDITIONING TRANSCEIVER
logo
HY ELECTRONIC CORP.
SA40012 HY-SA40012 Datasheet
458Kb / 2P
Single Axis CMOS Signal Conditioning Module
logo
MORNSUN Science& Techno...
TS107HL-F-2.5 MORNSUN-TS107HL-F-2.5 Datasheet
902Kb / 5P
Signal conditioning module
logo
Analog Devices
5B32 AD-5B32_15 Datasheet
675Kb / 8P
Single-Channel Signal Conditioning Module
REV. 0
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
Signal conditioning module
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
LVDT/RVDT Signal Conditioning Module
logo
Analog Devices
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
Signal Conditioning ADC
23-Feb-2017
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
Signal Conditioning ADC
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com