Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5P83904CMGK Datasheet (PDF) - Renesas Technology Corp

5P83904CMGK Datasheet PDF - Renesas Technology Corp
Part # 5P83904CMGK
Download  5P83904CMGK Download
File Size   567.44 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE

5P83904CMGK Datasheet (PDF)

Go To PDF Page Download Datasheet
5P83904CMGK Datasheet PDF - Renesas Technology Corp

Part # 5P83904CMGK
Download  5P83904CMGK Click to download

File Size   567.44 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE

5P83904CMGK Datasheet (HTML) - Renesas Technology Corp


5P83904CMGK Product details

Features
• 4/6/8 copies of LVCMOS output clocks with best-in-class
phase noise performance
• Phase Noise:
Offset Noise Power (3.3V)
• 100Hz: -131 dBc/Hz
• 1KHz: -145 dBc/Hz
• 10KHz: -154 dBc/Hz
• 100KHz: -161 dBc/Hz
• Operating power supply modes:
• Full 3.3V, 2.5V, 1.8V
• Mixed 3.3V core/2.5V output operating supply
• Mixed 3.3V core/1.8V output operating supply
• Mixed 2.5V core/1.8V output operating supply
• Crystal Oscillator Interface
• Synchronous Output Enable
• Packaged in 16-, 20-pin TSSOP and QFN packages (Pb
free, fully RoHS compliant)
• Extended (-40°C to +105°C) temperature range




Similar Part No. - 5P83904CMGK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P83904CMGK IDT-5P83904CMGK Datasheet
373Kb / 18P
High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
5P83904CMGK8 IDT-5P83904CMGK8 Datasheet
373Kb / 18P
High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
More results


Similar Description - 5P83904CMGK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
2.5V and 3.3V LVCMOS Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
ON Semiconductor
NB3H83905C ONSEMI-NB3H83905C Datasheet
206Kb / 15P
1.8V/2.5V/3.3V Crystal Input to 1 6 LVTTL/LVCMOS Clock Fanout Buffer with OE
November, 2012 ??Rev. 9
logo
Integrated Device Techn...
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com