Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL0653ANDGI8 Datasheet (PDF) - Renesas Technology Corp

9DBL0653ANDGI8 Datasheet PDF - Renesas Technology Corp
Part # 9DBL0653ANDGI8
Download  9DBL0653ANDGI8 Download
File Size   1360.54 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS

9DBL0653ANDGI8 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBL0653ANDGI8 Datasheet PDF - Renesas Technology Corp

Part # 9DBL0653ANDGI8
Download  9DBL0653ANDGI8 Click to download

File Size   1360.54 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS

9DBL0653ANDGI8 Datasheet (HTML) - Renesas Technology Corp


9DBL0653ANDGI8 Product details

Features
▪ LOS open-drain output indicates loss of input clock
▪ 2 to 8 Low-Power HCSL (LP-HCSL) outputs eliminate 4
resistors per output pair
▪ 9DBLxx4x devices provide integrated 100Ω terminations
▪ 9DBLxx5x devices provide integrated 85Ω terminations
▪ See AN-891 for easy coupling to other logic families
▪ Spread-spectrum compatible
▪ Dedicated OE# pin for each output
▪ 1MHz to 200MHz operation in fan-out mode
▪ 3 selectable SMBus addresses
▪ Extensive SMBus-selectable features allow optimization to
customer requirements
▪ SMBus interface not required for device operation
▪ -40°C to +85°C operating temperature range
▪ Space-saving 4 × 4 mm 24-VFQFPN to 6 × 6 mm 48-VFQFPN
packages (see Ordering Information table for details)




Similar Part No. - 9DBL0653ANDGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DBL0653ANDGI8 RENESAS-9DBL0653ANDGI8 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
December 9, 2022
More results


Similar Description - 9DBL0653ANDGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
2-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
9DBV0231 IDT-9DBV0231_16 Datasheet
269Kb / 17P
2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
2-output 3.3V PCIe Zero-Delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
9DBL0243 IDT-9DBL0243 Datasheet
387Kb / 22P
2-Output 3.3V LP-HCSL Zero-Delay Buffer with LOS Indicator
logo
Renesas Technology Corp
9DBL0255_0455 RENESAS-9DBL0255_0455 Datasheet
805Kb / 17P
2 and 4-Output 3.3V PCIe Gen1–5 Clock Fanout Buffers with LOS
February 3, 2023
9DBV0831 RENESAS-9DBV0831 Datasheet
772Kb / 19P
8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEBRUARY 6, 2023
9DBV0841 RENESAS-9DBV0841 Datasheet
735Kb / 16P
8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
FEBRUARY 6, 2023
9DBL02X2 RENESAS-9DBL02X2 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers
November 30, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com