Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG4002EL Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG4002EL Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG4002EL
Download  PMEG4002EL Download
File Size   206.75 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 0.2 A low Vf MEGA Schottky barrier rectifier

PMEG4002EL Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG4002EL Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG4002EL
Download  PMEG4002EL Click to download

File Size   206.75 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 0.2 A low Vf MEGA Schottky barrier rectifier

PMEG4002EL Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG4002EL Product details

1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated
guard ring for stress protection, encapsulated in a SOD882 leadless ultra small Surface-Mounted
Device (SMD) plastic package.

2. Features and benefits
• Forward current: IF ≤ 0.2 A
• Reverse voltage: VR ≤ 40 V
• Low forward voltage
• Leadless ultra small SMD plastic package
• Power dissipation comparable to SOT23

3. Applications
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Low voltage rectification
• Blocking diodes
• Low power consumption applications




Similar Part No. - PMEG4002EL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4002EL PHILIPS-PMEG4002EL Datasheet
42Kb / 8P
40V, 0.2 A LOW V-f MEGA SCHOTTKY BARRIER RECTIFIER IN LEADLESS ULTRA SMALL SOD882 PACKAGE
Rev. 01-17 February 2004
PMEG4002EL NXP-PMEG4002EL Datasheet
61Kb / 8P
40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 02-11 March 2009
logo
Nexperia B.V. All right...
PMEG4002EL-Q NEXPERIA-PMEG4002EL-Q Datasheet
180Kb / 8P
40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
30 September 2021
logo
NXP Semiconductors
PMEG4002ELD NXP-PMEG4002ELD Datasheet
773Kb / 14P
40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-20 April 2011
logo
Nexperia B.V. All right...
PMEG4002ELD NEXPERIA-PMEG4002ELD Datasheet
1Mb / 14P
40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 20 April 2011
More results


Similar Description - PMEG4002EL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4002EL NXP-PMEG4002EL Datasheet
61Kb / 8P
40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 02-11 March 2009
PMEG4002ELD NXP-PMEG4002ELD Datasheet
773Kb / 14P
40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-20 April 2011
PMEG2002AESF PHILIPS-PMEG2002AESF_15 Datasheet
197Kb / 14P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
22 January 2014
PMEG4002AESF PHILIPS-PMEG4002AESF_15 Datasheet
193Kb / 14P
40 V, 0.2 A low VF MEGA Schottky barrier rectifier
6 February 2015
PMEG4002ESF NXP-PMEG4002ESF Datasheet
193Kb / 14P
40 V, 0.2 A low VF MEGA Schottky barrier rectifier
6 February 2015
logo
Nexperia B.V. All right...
PMEG2002AESFB NEXPERIA-PMEG2002AESFB Datasheet
206Kb / 13P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG4002AESF NEXPERIA-PMEG4002AESF Datasheet
212Kb / 13P
40 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG4002EL-Q NEXPERIA-PMEG4002EL-Q Datasheet
180Kb / 8P
40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
30 September 2021
PMEG4002ELD NEXPERIA-PMEG4002ELD Datasheet
1Mb / 14P
40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 20 April 2011
PMEG4002ESF NEXPERIA-PMEG4002ESF Datasheet
212Kb / 13P
40 V, 0.2 A low VF MEGA Schottky barrier rectifier
10 March 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com