Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMNI-319M Datasheet (PDF) - AAEON Technology

OMNI-319M Datasheet PDF - AAEON Technology
Part # OMNI-319M
Download  OMNI-319M Download
File Size   501.58 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description 19” Touch Display Monitor, DC 12~30V

OMNI-319M Datasheet (PDF)

Go To PDF Page Download Datasheet
OMNI-319M Datasheet PDF - AAEON Technology

Part # OMNI-319M
Download  OMNI-319M Click to download

File Size   501.58 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description 19” Touch Display Monitor, DC 12~30V

OMNI-319M Datasheet (HTML) - AAEON Technology


OMNI-319M Product details

Features
■ 19” SXGA (1280 x 1024) TFT LCD Display
■ Provide Projective Capacitive Touch or Resistive Touch Screen
■ IP65 Aluminum Front Bezel
■ DC 12~30V with Over Voltage/Current, Under Voltage Protection
■ Optional Built-in Speakers




Similar Part No. - OMNI-319M

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
OMNI-3195-BT AAEON-OMNI-3195-BT Datasheet
603Kb / 2P
19” Modular HMI Panel PC with Intel® Celeron® J1900/ N2807 Processor
OMNI-3195-SKU AAEON-OMNI-3195-SKU Datasheet
474Kb / 2P
19” Modular HMI Panel PC with 6th Generation Intel® Core™ i5-6300U/C-3955U Processor
2022/11/04
OMNI-3195HTT-BT-A1-1010 AAEON-OMNI-3195HTT-BT-A1-1010 Datasheet
200Kb / 2P
IP65 Compliant Front Bezel
OMNI-3195HTTBT-A1-1012 AAEON-OMNI-3195HTTBT-A1-1012 Datasheet
603Kb / 2P
19” Modular HMI Panel PC with Intel® Celeron® J1900/ N2807 Processor
OMNI-3195HTTBT-A2-1010 AAEON-OMNI-3195HTTBT-A2-1010 Datasheet
200Kb / 2P
IP65 Compliant Front Bezel
More results


Similar Description - OMNI-319M

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDK-1119R ADVANTECH-IDK-1119R Datasheet
948Kb / 2P
19" SXGA Industrial Display kit with Touch Solution
logo
List of Unclassifed Man...
RPM-19 ETC2-RPM-19 Datasheet
222Kb / 2P
19" 8.5U Rugged Rack Mount display Monitor
logo
Advantech Co., Ltd.
IDK-1119 ADVANTECH-IDK-1119 Datasheet
948Kb / 2P
19 SXGA Industrial Display kit with Touch Solution
6-Dec-2012
logo
AAEON Technology
OMNI-215M AAEON-OMNI-215M Datasheet
363Kb / 2P
15.6” Touch Display Monitor, DC 12~30V
OMNI-221M AAEON-OMNI-221M Datasheet
445Kb / 2P
21.5” Touch Display Monitor, DC 12~30V
OMNI-310M AAEON-OMNI-310M Datasheet
381Kb / 2P
10.4” Touch Display Monitor, DC 12~30V
OMNI-312M AAEON-OMNI-312M Datasheet
397Kb / 2P
12.1” Touch Display Monitor, DC 12~30V
OMNI-315M AAEON-OMNI-315M Datasheet
495Kb / 2P
15” Touch Display Monitor, DC 12~30V
OMNI-317M AAEON-OMNI-317M Datasheet
412Kb / 2P
17” Touch Display Monitor, DC 12~30V
OMNI-ADB-KIT AAEON-OMNI-ADB-KIT Datasheet
290Kb / 2P
Display BOX Kit, DC 12~30V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com