Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145152P2 Datasheet (PDF) - NXP Semiconductors

MC145152P2 Datasheet PDF - NXP Semiconductors
Part # MC145152P2
Download  MC145152P2 Download
File Size   916.89 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PLL Frequency Synthesizers (CMOS)

MC145152P2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC145152P2 Datasheet PDF - NXP Semiconductors

Part # MC145152P2
Download  MC145152P2 Click to download

File Size   916.89 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PLL Frequency Synthesizers (CMOS)

MC145152P2 Datasheet (HTML) - NXP Semiconductors


MC145152P2 Product details

Features
•Operating Temperature Range: - 40 to 85°C
•Low Power Consumption Through Use of CMOS Technology
•3.0 to 9.0 V Supply Range
•On- or Off-Chip Reference Oscillator Operation
•Lock Detect Signal
•÷ N Counter Output Available
•Single Modulus/Parallel Programming
•8 User-Selectable ÷ R Values: 8, 128, 256, 512, 1024, 2048, 2410, 8192
•÷ N Range = 3 to 16383
•“Linearized” Digital Phase Detector Enhances Transfer Function Linearity
•Two Error Signal Options: Single-Ended (Three-State) or Double-Ended
•Chip Complexity: 8000 FETs or 2000 Equivalent Gates




Similar Part No. - MC145152P2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145152P2 MOTOROLA-MC145152P2 Datasheet
718Kb / 36P
Parallel-Input PLL Frequency Synthesizer
logo
Freescale Semiconductor...
MC145152P2 FREESCALE-MC145152P2 Datasheet
600Kb / 24P
PLL Frequency Synthesizers (CMOS)
logo
LANSDALE Semiconductor ...
MC145152P2 LANSDALE-MC145152P2 Datasheet
536Kb / 35P
PLL Frequency Synthesizer Family
More results


Similar Description - MC145152P2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
PLL Frequency Synthesizers
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
PLL Frequency Synthesizers?
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
RF PLL Frequency Synthesizers
REV.0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
RF PLL Frequency Synthesizers
REV.0
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
PLL Frequency Synthesizers (CMOS)
logo
Analog Devices
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
1.1GHz PLL Frequency Synthesizers
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com