Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGT5100TS Datasheet (PDF) - NXP Semiconductors

MGT5100TS Datasheet PDF - NXP Semiconductors
Part # MGT5100TS
Download  MGT5100TS Download
File Size   352.64 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Microprocessor Technical Summary

MGT5100TS Datasheet (PDF)

Go To PDF Page Download Datasheet
MGT5100TS Datasheet PDF - NXP Semiconductors

Part # MGT5100TS
Download  MGT5100TS Click to download

File Size   352.64 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Microprocessor Technical Summary

MGT5100TS Datasheet (HTML) - NXP Semiconductors


MGT5100TS Product details

Features
603e series processor core that implements the PowerPC architecture
• Superscalar architecture
• 0 – 231MHz static operation (extended temperature range)
• 16K Instruction/16K Data Caches
• Double precision FPU
• Instruction and Data MMU
• Dynamic power management including Doze and Sleep modes
• True little endian and big endian support
• Standard & critical interrupt capability
High speed SDRAM memory interface
• 66MHz operation
• SDRAM & DDR SRAM support
• 128Mbyte addressing range
• 32-bit data bus
• Built-in initialization and refresh
Flexible multi-function external bus
• Supports PCI, ATA/IDE, and ROM/RAM/Flash interfaces
• Version 2.2 PCI master compatibility
– 32-bit muxed address/data
– 33MHz operation with SmartComm‘ enabled
• Version 4 ATA compatible external interface
– IDE Disk Drive connectivity
• ROM/RAM/Flash interface
– Boot ROM, external peripheral connectivity
SmartComm I/O subsystem
• SmartComm virtual DMA controller
• Dedicated DMA channels for reception and transmission for all peripheral
interfaces
• Programmable Serial Controllers (PSCx)
– UART or RS232 interface
– CODEC interface for modem or AC97 audio
– Bluetooth, cellular, GPS, digital radio interface
• 10/100 BaseT Ethernet
• USB Master 1.1 with OHCI support
– Support for two independent USB ports
• Infrared (IR) data port
– Two IR receive ports (Standard IR & IrDA)
– IRBlaster
– IrDA 1.0 SIR mode to 115.2kbps
– IrDA 1.1 MIR and FIR modes to 4.0Mbps
• I2C Controller(s) to 520Kbps
– Support for two independent I2C ports
• Serial Peripheral Interface (SPI) controller
Dual MSCAN 2.0 A/B Controller modules
• Motorola Scalable Controller Area Network (MSCAN) architecture
• V2.0 A/B CAN protocol
• Standard and extended data frames
• Programmable bit rate up to 1Mbps (High Speed or Low Speed)
System level features
• Six programmable chip selects
• Interrupt controller
– Four external interrupt request lines supporting standard and/or critical
interrupts
– Support for all other internal interrupt sources
• GPIO / Timer functions
– Two dedicated GPIO pins supporting WakeUp capability
– Eight dedicated GPIO pins with timer capability supporting input capture,
output compare, and Pulse Width Modulation (PWM) functions
– Up to 56 total GPIO pins (depending on functional muxing selections)
• Systems Protection (watch dog timer, bus monitor)
• Real-time clock
• Power management features
Test / Debug features
• JTAG (IEEE 1149.1 test access port)
• Common On-Chip Processor (COP) debug port
On-board PLL and clock generation
Software Development Support
• Complete software development tool chain
• Optional accessory development kits
• Robust silicon evaluation kits
• Technical support
• Professional services




Similar Part No. - MGT5100TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MGT5100 NXP-MGT5100 Datasheet
1Mb / 6P
MGT5100 STANDARD DEVELOPMENT PLATFORM FOR TELEMATICS,HANDS-FREE PHONES, AND DRIVER INFORMATION SYSTEMS
September 2002
More results


Similar Description - MGT5100TS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11 MOTOROLA-MC68HC11 Datasheet
420Kb / 80P
Technical Summary 8-Bit Microcontroller
MPC604E MOTOROLA-MPC604E Datasheet
111Kb / 34P
PowerPC 604e-TM RISC Microprocessor Technical Summary
MPC859TTS MOTOROLA-MPC859TTS Datasheet
309Kb / 12P
PowerQUICC??Family Technical Summary
logo
Freescale Semiconductor...
MC68HC11FC0 FREESCALE-MC68HC11FC0 Datasheet
5Mb / 68P
Technical Summary 8-Bit Microcontroller
MC68HC11ED0 FREESCALE-MC68HC11ED0 Datasheet
1Mb / 108P
Technical Summary
logo
NXP Semiconductors
MPC5200TS NXP-MPC5200TS Datasheet
274Kb / 12P
MPC5200 Microprocessor Technical Summary
Rev. 3, 08/2004
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
MPC604 NXP-MPC604 Datasheet
469Kb / 32P
PowerPCTM 604 RISC Microprocessor Technical Summary
REV 1
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com