Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YE00905 Datasheet (PDF) - Belden Inc.

YE00905 Datasheet PDF - Belden Inc.
Part # YE00905
Download  YE00905 Download
File Size   153.98 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description KNX, 1PR 0.8mm Sol BC, PE ins, OS, LSNH Jkt, Eca

YE00905 Datasheet (PDF)

Go To PDF Page Download Datasheet
YE00905 Datasheet PDF - Belden Inc.

Part # YE00905
Download  YE00905 Click to download

File Size   153.98 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description KNX, 1PR 0.8mm Sol BC, PE ins, OS, LSNH Jkt, Eca

YE00905 Datasheet (HTML) - Belden Inc.


YE00905 Product details

Product Description
KNX, 1 Pair, 0.8 mm cond diameter, Bare Copper - Solid, Polyethylene insulation, Overall Beldfoil® shielding, LSZH / FRNC jacket , CPR Eca




Similar Part No. - YE00905

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
YE00906 BELDEN-YE00906 Datasheet
167Kb / 2P
KNX, 2PR 0.8mm Sol BC, PE ins, OS, LSNH Jkt, Eca
03-14-2023
YE00906-00100 BELDEN-YE00906-00100 Datasheet
167Kb / 2P
KNX, 2PR 0.8mm Sol BC, PE ins, OS, LSNH Jkt, Eca
03-14-2023
YE00906-001000 BELDEN-YE00906-001000 Datasheet
167Kb / 2P
KNX, 2PR 0.8mm Sol BC, PE ins, OS, LSNH Jkt, Eca
03-14-2023
YE00906-00500 BELDEN-YE00906-00500 Datasheet
167Kb / 2P
KNX, 2PR 0.8mm Sol BC, PE ins, OS, LSNH Jkt, Eca
03-14-2023
YE00906-K01000 BELDEN-YE00906-K01000 Datasheet
167Kb / 2P
KNX, 2PR 0.8mm Sol BC, PE ins, OS, LSNH Jkt, Eca
03-14-2023
More results


Similar Description - YE00905

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7701ELW BELDEN-7701ELW Datasheet
155Kb / 2P
LonWorks, 1PR #22 Sol BC, PO ins, Unsh, LSNH Jkt, 300V, Cca
11-09-2022
7701NH BELDEN-7701NH Datasheet
156Kb / 2P
LonWorks, 1PR #22 Sol BC, PO ins, Unsh, LSNH Jkt, 300V, Dca
03-04-2023
77905ELW BELDEN-77905ELW Datasheet
146Kb / 2P
KNX, 1PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, Cca
03-14-2023
7703NH BELDEN-7703NH Datasheet
193Kb / 2P
LonWorks, 1PR #22 Sol BC, PO ins, OS, LSNH Jkt, 300V, Dca
03-04-2023
77905ELV BELDEN-77905ELV Datasheet
146Kb / 2P
KNX, 1PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, B2ca
03-14-2023
77906ELV BELDEN-77906ELV Datasheet
160Kb / 2P
KNX, 2PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, B2ca
03-14-2023
77906ELW BELDEN-77906ELW Datasheet
159Kb / 2P
KNX, 2PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, Cca
03-14-2023
YE00819 BELDEN-YE00819 Datasheet
147Kb / 2P
KNX, 1PR 0.8mm Sol BC, PVC ins,OS, PVC jkt, Eca
03-14-2023
YE00820 BELDEN-YE00820 Datasheet
162Kb / 2P
KNX, 2PR 0.8mm Sol BC, PVC ins,OS, PVC jkt, Eca
03-14-2023
YE00906 BELDEN-YE00906 Datasheet
167Kb / 2P
KNX, 2PR 0.8mm Sol BC, PE ins, OS, LSNH Jkt, Eca
03-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com