Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS563252 Datasheet (PDF) - Texas Instruments

TPS563252 Datasheet PDF - Texas Instruments
Part # TPS563252_V02
Download  TPS563252 Download
File Size   1281.16 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS56325x 3-V to 17-V Input, 3-A, Synchronous Buck Converters in SOT-563 Package

TPS563252 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS563252 Datasheet PDF - Texas Instruments

Part # TPS563252_V02
Download  TPS563252 Click to download

File Size   1281.16 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS56325x 3-V to 17-V Input, 3-A, Synchronous Buck Converters in SOT-563 Package

TPS563252 Datasheet (HTML) - Texas Instruments


TPS563252 Product details

1 Features
• Configured for a wide range of applications
– 3-V to 17-V input voltage range
– 0.6-V to 10-V output voltage range
– 0.6-V reference voltage
– ±1% reference accuracy at 25°C
– ±1.5% reference accuracy at –40°C to 125°C
– Integrated 55.0-mΩ and 24.3-mΩ MOSFETs
– 100-μA low quiescent current
– 1.2-MHz switching frequency
– Maximum 95% large duty cycle operation
– Precision EN threshold voltage
– 1.6-ms fixed typical soft-start time
• Ease of use and small solution size
– TPS563252 Eco-mode, TPS563257 FCCM
mode at light loading
– D-CAP3™ control mode
– Easy layout with integrated bootstrap capacitor
– Support start-up with prebiased output
– Open-drain power-good indicator
– Non-latch for OV, OT, and UVLO protection
– Hiccup mode for UV protection
– Cycle-by-cycle OC and NOC protection
– 1.6-mm × 1.6-mm SOT-563 package
• Create a custom design using the TPS563252 with
the WEBENCH® Power Designer
• Create a custom design using the TPS563257 with
the WEBENCH® Power Designer

2 Applications
• WLAN/Wi-Fi access point, switch, router
• Pro-audio, surveillance, drone
• TV, STB and DVR, smart speaker

3 Description
The TPS56325x is a simple, easy-to-use, high
efficiency, high power density, synchronous buck
converter with input voltage ranging from 3 V to 17
V and supports up to 3-A continuous current at output
voltages between 0.6 V and 10 V.
The TPS56325x employs D-CAP3 control mode to
provide a fast transient response and to support
low-ESR output capacitors with no requirement for
external compensation. The device can support up
to 95% duty cycle operation. Integrated bootstrap
capacitor helps achieve single layer PCB and can
save total BOM cost.
The TPS563252 operates in Eco-mode, which
maintains high efficiency during light loading. The
TPS563257 operates in FCCM mode, which keeps
the same frequency and lower output ripple during
all load conditions. The device integrates complete
protection through OVP, OCP, UVLO, OTP, and UVP
with hiccup.
The device is available in 1.6 mm × 1.6 mm SOT-563
package. The junction temperature is specified from
–40°C to 125°C.




Similar Part No. - TPS563252_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS563252 TI-TPS563252_V01 Datasheet
1Mb / 31P
TPS56325x 3-V to 17-V Input, 3-A, Synchronous Buck Converters in SOT-563 Package
MAY 2023
More results


Similar Description - TPS563252_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS564242 TI-TPS564242 Datasheet
1Mb / 31P
TPS56424x 3-V to 16-V Input Voltage, 4-A Synchronous Buck Converter in a SOT-563 Package
APRIL 2022
TPS565242 TI-TPS565242_V01 Datasheet
1Mb / 31P
TPS56524x 3-V to 16-V Input Voltage, 5-A Synchronous Buck Converter in a SOT-563 Package
APRIL 2022
TPS566242 TI-TPS566242_V01 Datasheet
1Mb / 31P
TPS56624x 3-V to 16-V Input Voltage, 6-A Synchronous Buck Converter in a SOT-563 Package
APRIL 2022
TPS563252 TI-TPS563252 Datasheet
1Mb / 30P
TPS56325x 3-V to 16-V Input, 3-A Synchronous Buck Converters in SOT-563 Package
AUGUST 2022
TPS562242 TI-TPS562242 Datasheet
1Mb / 25P
TPS562242 3-V to 16-V Input, 2-A Synchronous Buck Converters in SOT-563 Package
DECEMBER 2022
TPS564252 TI-TPS564252 Datasheet
1Mb / 35P
TPS56425x 3-V to 16-V Input, 4-A Synchronous Buck Converters in SOT-563 Package
DECEMBER 2022
TPS563252 TI-TPS563252_V01 Datasheet
1Mb / 31P
TPS56325x 3-V to 17-V Input, 3-A, Synchronous Buck Converters in SOT-563 Package
MAY 2023
TPS564252 TI-TPS564252_V01 Datasheet
1Mb / 31P
TPS56425x 3-V to 17-V Input, 4-A, Synchronous Buck Converters in SOT-563 Package
MAY 2023
TPS564252 TI-TPS564252_V02 Datasheet
1Mb / 31P
TPS56425x 3-V to 17-V Input, 4-A, Synchronous Buck Converters in SOT-563 Package
REVISED MAY 2023
TPSM863252 TI-TPSM863252_V01 Datasheet
1Mb / 23P
TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com