Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9ZXL06X2E Datasheet (PDF) - Renesas Technology Corp

9ZXL06X2E Datasheet PDF - Renesas Technology Corp
Part # 9ZXL06X2E
Download  9ZXL06X2E Download
File Size   1273.42 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6 to 12-Output Buffers for PCIe Gen1–5 and UPI with SMBus Write Protect

9ZXL06X2E Datasheet (PDF)

Go To PDF Page Download Datasheet
9ZXL06X2E Datasheet PDF - Renesas Technology Corp

Part # 9ZXL06X2E
Download  9ZXL06X2E Click to download

File Size   1273.42 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6 to 12-Output Buffers for PCIe Gen1–5 and UPI with SMBus Write Protect

9ZXL06X2E Datasheet (HTML) - Renesas Technology Corp


9ZXL06X2E Product details

Features
▪ SMBus Write Protect pin prevents SMBus against accidental
writes
▪ 6–12 Low-power HCSL (LP-HCSL) outputs
▪ Integrated terminations eliminate up to 4 resistors per output
pair
▪ Dedicated OE# pins support PCIe CLKREQ# function
▪ Up to 9 selectable SMBus addresses (9ZXL12)
▪ Selectable PLL bandwidths minimizes jitter peaking in
cascaded PLL topologies
▪ Hardware/SMBus control of ZDB and FOB modes allow
change without power cycle
▪ Spread spectrum compatible
▪ 1–400MHz FOB operation (all devices)
▪ 100MHz and 133.33MHz ZDB mode (9ZXL12, 9ZXL08)
▪ 100MHz ZDB mode (9ZXL06)
▪ -40°C to +85°C operating temperature range
▪ Packages: See Ordering Information for more details




Similar Part No. - 9ZXL06X2E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9ZXL06X2E RENESAS-9ZXL06X2E Datasheet
1Mb / 34P
6 to 12-Output Buffers for PCIe Gen1–7 and UPI with SMBus Write Protect
Mar 2, 2026
9ZXL06X2E RENESAS-9ZXL06X2E Datasheet
1Mb / 34P
6 to 12-Output Buffers for PCIe Gen1–7 and UPI with SMBus Write Protect
Aug 27, 2026
9ZXL06X2E RENESAS-9ZXL06X2E_V01 Datasheet
1Mb / 34P
6 to 12-Output Buffers for PCIe Gen1–7 and UPI with SMBus Write Protect
Mar 2, 2026
9ZXL06X2E RENESAS-9ZXL06X2E_V02 Datasheet
1Mb / 34P
6 to 12-Output Buffers for PCIe Gen1–7 and UPI with SMBus Write Protect
Aug 27, 2026
More results


Similar Description - 9ZXL06X2E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1231E IDT-9ZXL1231E Datasheet
267Kb / 21P
12-Output DB1200ZL for PCIe Gen1?? and UPI
9ZXL0831E IDT-9ZXL0831E Datasheet
273Kb / 18P
8-Output DB800ZL for PCIe Gen1?? and QPI/UPI
9ZXL0632E IDT-9ZXL0632E Datasheet
302Kb / 20P
6-Output DB800ZL Derivat ive for PCIe Gen1?? and UPI
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9ZML1245 RENESAS-9ZML1245 Datasheet
805Kb / 29P
2:12 Clock Multiplexer for PCIe Gen1–5 and UPI
May 12, 2021
9ZXL04X1E RENESAS-9ZXL04X1E Datasheet
1Mb / 34P
4 to 12-Output Buffers for PCIe Gen1–5 and UPI
December 19, 2022
9ZXL15X0D RENESAS-9ZXL15X0D Datasheet
1Mb / 35P
15 to 19-Output Buffers for PCIe Gen1–5 and UPI
August 25, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com