Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9FG1904B-1 Datasheet (PDF) - Renesas Technology Corp

ICS9FG1904B-1 Datasheet PDF - Renesas Technology Corp
Part # ICS9FG1904B-1
Download  ICS9FG1904B-1 Download
File Size   415.55 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD

ICS9FG1904B-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9FG1904B-1 Datasheet PDF - Renesas Technology Corp

Part # ICS9FG1904B-1
Download  ICS9FG1904B-1 Click to download

File Size   415.55 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD

ICS9FG1904B-1 Datasheet (HTML) - Renesas Technology Corp


ICS9FG1904B-1 Product details

Recommended Application:
DB1900GS/GSO with 15:4 output grouping
Features:
• Power up default is all outputs in 1:1 mode
• DIF_(14:0) can be “gear-shifted” from the input CPU
Host Clock
• DIF_(18:15) can be “gear-shifted” from the input CPU
Host Clock
• Spread spectrum compatible
• Supports output clock frequencies up to 400 MHz
• 8 Selectable SMBus addresses
• SMBus address determines PLL or Bypass mode
Key Specifications:
• DIF output cycle-to-cycle jitter < 50ps
• DIF output-to-output skew < 100ps within a group




Similar Part No. - ICS9FG1904B-1

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
More results


Similar Description - ICS9FG1904B-1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG104 IDT-ICS9FG104 Datasheet
246Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108 IDT-ICS9FG108 Datasheet
252Kb / 19P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Integrated Device Techn...
9FG1901H IDT-9FG1901H Datasheet
194Kb / 18P
Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108D IDT-ICS9FG108D Datasheet
172Kb / 18P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Pericom Semiconductor C...
PI6C49003A PERICOM-PI6C49003A Datasheet
843Kb / 12P
PCIe Gen 2 Networking Clock Generator
PI6C49004A PERICOM-PI6C49004A Datasheet
730Kb / 13P
PCIe Gen 2 Networking Clock Generator
logo
Renesas Technology Corp
9FG1901H RENESAS-9FG1901H Datasheet
340Kb / 19P
Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
02/02/10
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com