Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5P90005CDCGH Datasheet (PDF) - Renesas Technology Corp

5P90005CDCGH Datasheet PDF - Renesas Technology Corp
Part # 5P90005CDCGH
Download  5P90005CDCGH Download
File Size   338.88 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Serial Real-Time Clock

5P90005CDCGH Datasheet (PDF)

Go To PDF Page Download Datasheet
5P90005CDCGH Datasheet PDF - Renesas Technology Corp

Part # 5P90005CDCGH
Download  5P90005CDCGH Click to download

File Size   338.88 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Serial Real-Time Clock

5P90005CDCGH Datasheet (HTML) - Renesas Technology Corp


5P90005CDCGH Product details

Features
• Packaged in 8-pin SOIC, RoHS compliant
• Counters for seconds, minutes, hours, days, date, months,
years, and century
• 32kHz crystal oscillator integrating load capacitance
(12.5 pF) providing exceptional oscillator stability and high
crystal series resistance operation
• Serial interface supports I2C bus (100 or 400kHz protocol)
• Ultra low battery supply current of 0.8μA (typical at 3V)
• 2.0 to 5.5V clock operating voltage
• Automatic switch over and deselect circuitry
• Automatic leap year compensation
• Extended commercial operating temperature (0 to +85°C)




Similar Part No. - 5P90005CDCGH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P90005CDCGH IDT-5P90005CDCGH Datasheet
146Kb / 15P
Serial Real-Time Clock
5P90005CDCGH8 IDT-5P90005CDCGH8 Datasheet
146Kb / 15P
Serial Real-Time Clock
More results


Similar Description - 5P90005CDCGH

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
Serial Real-Time Clock
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0 Datasheet
260Kb / 20P
SERIAL REAL-TIME CLOCK
23-Jul-2004
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
Serial real-time clock
15-May-2008
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
Serial real-time clock
13-May-2008
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
Serial access real-time clock
14-May-2008
logo
Integrated Device Techn...
IDT5P90005 IDT-IDT5P90005 Datasheet
303Kb / 16P
SERIAL REAL-TIME CLOCK
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
Serial real-time clock
09-Jun-2011
logo
Integrated Device Techn...
IDT5P90005C IDT-IDT5P90005C Datasheet
146Kb / 15P
Serial Real-Time Clock
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com