Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTC-710RK Datasheet (PDF) - AAEON Technology

RTC-710RK Datasheet PDF - AAEON Technology
Part # RTC-710RK
Download  RTC-710RK Download
File Size   596.76 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description 7" Rugged Tablet ARM-based Android™ with 1.6 GHz Quad Core Processor

RTC-710RK Datasheet (PDF)

Go To PDF Page Download Datasheet
RTC-710RK Datasheet PDF - AAEON Technology

Part # RTC-710RK
Download  RTC-710RK Click to download

File Size   596.76 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description 7" Rugged Tablet ARM-based Android™ with 1.6 GHz Quad Core Processor

RTC-710RK Datasheet (HTML) - AAEON Technology


RTC-710RK Product details

Features
■ 7" WXGA (1280 x 800) 700-nit / 300-nit TFT LCD
■ Rockchip RK3399K Processor
■ Onboard LPDDR4 Memory, 2GB (Default) / 4GB
■ eMMC 16GB (Default) / 32GB / 64GB
■ Projected Capacitive Multi-Touch Screen
■ WiFi 802.11b/g/n, Bluetooth 4.2, LTE (Optional)
■ 8MP Front and 8MP Rear Camera
■ UART Port + 10/100/1000 Base-T RJ45 via I/O Module (Optional)
■ USB 3.2 Gen 1 Type-C x 1, USB 2.0 Type-A x 1
■ 2D Barcode Scanner via I/O Module (Optional)
■ NFC (HF RFID) Reader (Optional)
■ GPS + GLONASS (Default), BeiDou (Optional)
■ One Hot-swappable Battery + Internal Battery, Up to 44W Battery
Capacity
■ MIL-STD-810G, IP65 Compliant, Drop 122cm
■ Programmable Function Key: F1, F2, F3, Volume Up/Down, With LED
Illumination
■ Android 8.1




Similar Part No. - RTC-710RK

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
RTC-710AP AAEON-RTC-710AP Datasheet
521Kb / 2P
7" Rugged Tablet Features Intel® N3350 / N4200 Processor with Windows® 10
2023/01/03
RTC-710AP-RH0001 AAEON-RTC-710AP-RH0001 Datasheet
521Kb / 2P
7" Rugged Tablet Features Intel® N3350 / N4200 Processor with Windows® 10
2023/01/03
RTC-710AP-RH0002 AAEON-RTC-710AP-RH0002 Datasheet
521Kb / 2P
7" Rugged Tablet Features Intel® N3350 / N4200 Processor with Windows® 10
2023/01/03
RTC-710AP-RH0003 AAEON-RTC-710AP-RH0003 Datasheet
521Kb / 2P
7" Rugged Tablet Features Intel® N3350 / N4200 Processor with Windows® 10
2023/01/03
RTC-710AP-RH0004 AAEON-RTC-710AP-RH0004 Datasheet
521Kb / 2P
7" Rugged Tablet Features Intel® N3350 / N4200 Processor with Windows® 10
2023/01/03
More results


Similar Description - RTC-710RK

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
RTC-700A AAEON-RTC-700A Datasheet
604Kb / 2P
RISC-based 7??Rugged Tablet Computer
RTC-700T AAEON-RTC-700T Datasheet
1Mb / 2P
7??Rugged Tablet Computer
logo
List of Unclassifed Man...
PXI-3980 ETC2-PXI-3980 Datasheet
772Kb / 2P
3U Intel Core i7-2715QE 2.1 GHz Quad-Core Processor-based PXI Controller
logo
Advantech Co., Ltd.
PWS-870-3S6W0E000E ADVANTECH-PWS-870-3S6W0E000E Datasheet
938Kb / 2P
10" Fully Rugged Tablet with 4th Generation Intel짰 Core??i Processor
logo
Adlink Technology Inc.
PXI-3980 ADLINK-PXI-3980 Datasheet
250Kb / 3P
3U Intel Core i7-2715QE 2.1 GHz Quad-Core Processor-based PXI Controller
logo
AAEON Technology
RTC-710AP AAEON-RTC-710AP Datasheet
521Kb / 2P
7" Rugged Tablet Features Intel® N3350 / N4200 Processor with Windows® 10
2023/01/03
logo
Advantech Co., Ltd.
AIM-75 ADVANTECH-AIM-75 Datasheet
2Mb / 7P
8" Industrial-Grade Tablet with Qualcomm® Snapdragon™ 660 Processor, Android 10 with GMS
26-Mar-2021
AIM-75H ADVANTECH-AIM-75H Datasheet
1Mb / 6P
8" Industrial-Grade Tablet with Qualcomm® Snapdragon™ 660 Processor, Android 12 with Android Enterprise Recommended
26-Apr-2023
AIM-89H ADVANTECH-AIM-89H Datasheet
1Mb / 6P
13.3" Medical-Grade Tablet with Intel® Core™ i5 processor
28-Apr-2023
AIM-75 ADVANTECH-AIM-75_V01 Datasheet
2Mb / 7P
8" Industrial-Grade Tablet with Qualcomm® Snapdragon™ 660 Processor, Android 12 with Android Enterprise Recommended
8-Sep-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com