Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZDC834A Datasheet (PDF) - Zetex Semiconductors

ZDC834A Datasheet PDF - Zetex Semiconductors
Part # ZDC834A
Download  ZDC834A Download
File Size   101.04 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SILICON DUAL VARIABLE CAPACITANCE DIODE

ZDC834A Datasheet (PDF)

Go To PDF Page Download Datasheet
ZDC834A Datasheet PDF - Zetex Semiconductors

Part # ZDC834A
Download  ZDC834A Click to download

File Size   101.04 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SILICON DUAL VARIABLE CAPACITANCE DIODE

ZDC834A Datasheet (HTML) - Zetex Semiconductors


ZDC834A Product details

SUMMARY
VBR=25V; IR=20nA; Cd=47pF(Nom)

DESCRIPTION
The ZDC834A is a new hyperabrupt SOT23 packaged dual common cathode varactor diode , offering users both compact circuit design and impressive performance comprising tightly controlled CV characteristics, a capacitance of typically 47 pf @ 2V,excellent phase noise performance and high Q of 200 min.
This superior performance in the VHF and UHF ranges has been optimised to meet the high filtering requirements of a wide range of Digital Audio Broadcasting (DAB) module circuits , mobile radios, pagers, voltage controlled crystal oscillators (VCXO) and temperature controlled crystal oscillators (TCXO).

FEATURES
• Common Cathode dual Diode ( monolithic construction )
• VHF- UHF operation
• Close tolerance CV characteristics
• High Tuning Ratio
• Low IR , enabling excellent Phase Noise Performance
   ( IR typically < 200pA @ 20V )
• High Q

APPLICATIONS
• DAB Receiver Modules for use with:
   - Low voltage battery portables
   - Hi-Fi
   - In car radio
   - MP3 players
• Voltage and Temperature Controlled Crystal Oscillators
• Mobile Radio and Pagers.




Similar Part No. - ZDC834A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZDC834ATA ZETEX-ZDC834ATA Datasheet
97Kb / 6P
SILICON 28V HYPERABRUPT VARACTOR DIODES
ZDC834ATA ZETEX-ZDC834ATA Datasheet
151Kb / 6P
SILICON 28V HYPERABRUPT VARACTOR DIODES
ZDC834ATA ZETEX-ZDC834ATA Datasheet
93Kb / 6P
SILICON 25V HYPERABRUPT VARACTOR DIODES
ZDC834ATA ZETEX-ZDC834ATA Datasheet
334Kb / 8P
Silicon 25V hyperabrupt varactor diodes
More results


Similar Description - ZDC834A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
1T363A SONY-1T363A Datasheet
57Kb / 5P
Silicon Variable Capacitance Diode
1T365 SONY-1T365 Datasheet
47Kb / 4P
Silicon Variable Capacitance Diode
1T369 SONY-1T369 Datasheet
44Kb / 4P
Silicon Variable Capacitance Diode
logo
Leshan Radio Company
BB535 LRC-BB535 Datasheet
83Kb / 3P
Silicon Variable Capacitance Diode
logo
Infineon Technologies A...
BB679 INFINEON-BB679 Datasheet
404Kb / 4P
Silicon Variable Capacitance Diode
Oct-25-2002
BB804 INFINEON-BB804 Datasheet
408Kb / 3P
Silicon Variable Capacitance Diode
Nov-07-2002
BB914 INFINEON-BB914 Datasheet
395Kb / 3P
Silicon Variable Capacitance Diode
Dec-04-2002
logo
Zetex Semiconductors
FSD270 ZETEX-FSD270 Datasheet
156Kb / 5P
SILICON DUAL VARIABLE CAPACITANCE DIODE
logo
Infineon Technologies A...
BB659E6805 INFINEON-BB659E6805 Datasheet
59Kb / 6P
Silicon Variable Capacitance Diode
2005-10-19
logo
Zetex Semiconductors
ZDC833A ZETEX-ZDC833A Datasheet
154Kb / 2P
SOT23 SILICON DUAL VARIABLE CAPACITANCE DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com