Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHCA Datasheet (PDF) - Eaton All Rights Reserved.

AHCA Datasheet PDF - Eaton All Rights Reserved.
Part # AHCA
Download  AHCA Download
File Size   1352.08 Kbytes
Page   6 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Automotive high voltage 6.3 mm x 32 mm fast-acting fuse

AHCA Datasheet (PDF)

Go To PDF Page Download Datasheet
AHCA Datasheet PDF - Eaton All Rights Reserved.

Part # AHCA
Download  AHCA Click to download

File Size   1352.08 Kbytes
Page   6 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Automotive high voltage 6.3 mm x 32 mm fast-acting fuse

AHCA Datasheet (HTML) - Eaton All Rights Reserved.


AHCA Product details

Product features
• High voltage ceramic tube fuse
• Automotive grade qualified*
• Compact 3AB footprint:
6.3 mm x 32 mm (¼” x 1 ¼”)
• Fast-acting performance
• Up to 500 Vac rating
• Cartridge, axial lead, and PCB terminal mount
versions available
• Very high interrupting ratings to help safely
protect against dangerous high fault currents
• Fuse accessories (cartridge version):
HVP Panel mount fuse holder (480V)
HVI In-line fuse holder (600V)
S-8000 Panel mount fuse block (600V)
1Axxxx (up to 600V) fuse clips

Applications
• On-board power conversion (Inverter, OBC,
PDU) for xEVs
• Stationary EV charging stations
• Single phase and 3-phase UPS and VFD (Vac
input for rectifier and Vdc input/battery)
• Industrial control panels and UL508A panel shops
• Energy storage and battery management systems
• High voltage power conversion (AC/DC, AC/AC,
DC/DC, DC/AC)




Similar Part No. - AHCA

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AHC ARCH-AHC Datasheet
436Kb / 5P
AC-DC Power Module
logo
JDS Uniphase Corporatio...
AHC-100 JDSU-AHC-100 Datasheet
188Kb / 4P
Amplifier Hybrid with Thin Film Coupler and Isolator
AHC-101 JDSU-AHC-101 Datasheet
188Kb / 4P
Amplifier Hybrid with Thin Film Coupler and Isolator
AHC-102 JDSU-AHC-102 Datasheet
188Kb / 4P
Amplifier Hybrid with Thin Film Coupler and Isolator
AHC-103 JDSU-AHC-103 Datasheet
188Kb / 4P
Amplifier Hybrid with Thin Film Coupler and Isolator
More results


Similar Description - AHCA

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
70151130 SCHURTER-70151130 Datasheet
425Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, NNO, 220 VAC
00341736 SCHURTER-00341736 Datasheet
265Kb / 2P
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, 250 VAC
00345107 SCHURTER-00345107 Datasheet
274Kb / 2P
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
A12FA500V SCHURTER-A12FA500V_18 Datasheet
261Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 500 VAC
A12FA660V SCHURTER-A12FA660V_18 Datasheet
258Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 660 VAC
172582 SCHURTER-172582_V02 Datasheet
198Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
A12FA250V SCHURTER-A12FA250V_V02 Datasheet
273Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
FSF6.3X32 SCHURTER-FSF6.3X32_V01 Datasheet
180Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
04.01.2022
A12FA660V SCHURTER-A12FA660V_V02 Datasheet
269Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 660 VAC
04.01.2022
SA6.3X32 SCHURTER-SA6.3X32_V01 Datasheet
183Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
09.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com