Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XVM-259 Datasheet (PDF) - Eaton All Rights Reserved.

XVM-259 Datasheet PDF - Eaton All Rights Reserved.
Part # XVM-259
Download  XVM-259 Download
File Size   414.47 Kbytes
Page   3 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description PCBA Module

XVM-259 Datasheet (PDF)

Go To PDF Page Download Datasheet
XVM-259 Datasheet PDF - Eaton All Rights Reserved.

Part # XVM-259
Download  XVM-259 Click to download

File Size   414.47 Kbytes
Page   3 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description PCBA Module

XVM-259 Datasheet (HTML) - Eaton All Rights Reserved.


XVM-259 Product details

Description
Eaton supercapacitors are high reliability, high
power, ultra-high capacitance energy storage
devices utilizing electric double layer capacitor
(EDLC) construction combined with proprietary
materials and processes. This combination of
advanced technologies allows Eaton to offer a
wide variety of capacitor solutions tailored to
applications for backup power, pulse power and
hybrid power systems.
They can be applied as the sole energy storage
or in combination with batteries to optimize cost,
life time and run time. System requirements can
range from a few watts to megawatts.
All products feature low ESR for high power
density with environmentally friendly materials
for a green power solution. Eaton supercapacitors
are maintenance-free with design lifetimes up to
20 years* and operating temperatures down to
-40 °C and up to +85 °C.

Features
• Energy storage module for ride-through power
• Long life energy storage, up to 20 years*
• Easy integration into rack based system
• Wide operating temperature range
• High voltage for maximum efficiency
• High efficiency (>98%) under broad operating conditions
• High reliability, green solution
• Low operating costs and maintenance free

Applications
• UPS Backup power
• Material handling systems
• Peak power shaving, pulse power




Similar Part No. - XVM-259

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
XVM-16R2656-R COOPER-XVM-16R2656-R Datasheet
1Mb / 3P
16V Supercapacitor Module
logo
Eaton All Rights Reserv...
XVM-16R2656-R EATON-XVM-16R2656-R Datasheet
974Kb / 4P
16 V, 65 F module
XVM-315 EATON-XVM-315 Datasheet
463Kb / 3P
PCBA Module
September 2019
XVM-315R9255-R EATON-XVM-315R9255-R Datasheet
463Kb / 3P
PCBA Module
September 2019
XVM-315R9345-R EATON-XVM-315R9345-R Datasheet
463Kb / 3P
PCBA Module
September 2019
More results


Similar Description - XVM-259

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GCC-1 ETC2-GCC-1 Datasheet
491Kb / 9P
GEMexpressTM is a universal TFT/OLED driver PCBA
logo
Coolgear Inc.
CG-MIC4P31H-PCBA COOLGEAR-CG-MIC4P31H-PCBA Datasheet
932Kb / 2P
4 Port USB 3.2 Gen 1 Micro Hub PCBA w/ ESD Surge Protection
Rev 05.220909
GM-HU34-PCBA COOLGEAR-GM-HU34-PCBA Datasheet
1Mb / 2P
4 Port USB 3.2 Gen 1 Hub PCBA w/ ESD Surge Protection
Rev 05.220701
GM-HU37-PCBA COOLGEAR-GM-HU37-PCBA Datasheet
1Mb / 2P
7 Port USB 3.2 Gen 1 Hub PCBA w/ ESD Surge Protection
Rev 05.220630
USBG-4U3MLR2-PCBA COOLGEAR-USBG-4U3MLR2-PCBA Datasheet
592Kb / 2P
4 Port USB 3.2 Gen 1 Powered Hub PCBA w/ ESD Surge Protection
Rev 05.220630
USBG-7U3ML-PCBA COOLGEAR-USBG-7U3ML-PCBA Datasheet
976Kb / 2P
7 Port USB 3.2 Gen 1 Hub PCBA w/ Surge Protection
Rev 05.220630
CG-10A33523-PCBA COOLGEAR-CG-10A33523-PCBA Datasheet
1Mb / 1P
10 Port GL 3523 Hub PCBA w/ LED Indicators & High Current Output
3/2/23
CG-PD200DS-PCBA COOLGEAR-CG-PD200DS-PCBA Datasheet
231Kb / 2P
ChargeIt! Mini 200W Dual Type-C PD Charger PCBA 100W Output
Rev 05.230315
CG-PDHV82W-PCBA COOLGEAR-CG-PDHV82W-PCBA Datasheet
180Kb / 2P
ChargeIT! Mini 82W USB Type-C PD Charger PCBA w/ 24~48V DC Input
Rev 05.230320
logo
Eaton All Rights Reserv...
XVM-315 EATON-XVM-315 Datasheet
463Kb / 3P
PCBA Module
September 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com