Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6T30028DCGI Datasheet (PDF) - Renesas Technology Corp

6T30028DCGI Datasheet PDF - Renesas Technology Corp
Part # 6T30028DCGI
Download  6T30028DCGI Download
File Size   531.72 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-4 LVCMOS/LVTTL FANOUT BUFFER

6T30028DCGI Datasheet (PDF)

Go To PDF Page Download Datasheet
6T30028DCGI Datasheet PDF - Renesas Technology Corp

Part # 6T30028DCGI
Download  6T30028DCGI Click to download

File Size   531.72 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-4 LVCMOS/LVTTL FANOUT BUFFER

6T30028DCGI Datasheet (HTML) - Renesas Technology Corp


6T30028DCGI Product details

Features/Benefits
• Four LVCMOS / LVTTL outputs
• LVCMOS clock input
• CLK can accept the following input levels: LVCMOS,
LVTTL
• Maximum output frequency: 166MHz
• Output skew: 60ps (maximum)
• Part-to-part skew: 650ps (maximum)
• Small 8 lead SOIC package saves board space
• 3.3V input, outputs may be either 3.3V or 2.5V supply
modes
• -40°C to +85°C ambient operating temperature
• Lead-free (RoHS 6) compliant packaging




Similar Part No. - 6T30028DCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
6T39007ANLGI IDT-6T39007ANLGI Datasheet
282Kb / 15P
CLOCK DISTRIBUTION CIRCUIT
logo
Renesas Technology Corp
6T39007ANLGI RENESAS-6T39007ANLGI Datasheet
303Kb / 17P
CLOCK DISTRIBUTION CIRCUIT
022212
logo
Integrated Device Techn...
6T39007ANLGI8 IDT-6T39007ANLGI8 Datasheet
282Kb / 15P
CLOCK DISTRIBUTION CIRCUIT
logo
Renesas Technology Corp
6T39007ANLGI8 RENESAS-6T39007ANLGI8 Datasheet
303Kb / 17P
CLOCK DISTRIBUTION CIRCUIT
022212
More results


Similar Description - 6T30028DCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8304 ICST-ICS8304 Datasheet
151Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
REV. F SEPTEMBER 13, 2004
ICS8304-01 ICST-ICS8304-01 Datasheet
136Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL INVERTING FANOUT BUFFER
REV. D MAY 23, 2005
ICS8304I ICST-ICS8304I Datasheet
80Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
REV. B APRIL 4, 2002
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204B PERICOM-PI6C49X0204B Datasheet
1Mb / 9P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8304-01 RENESAS-8304-01 Datasheet
319Kb / 11P
Low Skew, 1-TO-4 LVCMOS / LVTTL Inverting Fanout Buffer
REVISION D 5/9/16
8304I RENESAS-8304I Datasheet
388Kb / 12P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
December 10, 2015
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com