Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8R9306NLGI Datasheet (PDF) - Renesas Technology Corp

8R9306NLGI Datasheet PDF - Renesas Technology Corp
Part # 8R9306NLGI
Download  8R9306NLGI Download
File Size   1016.46 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V LVDS, 1:6 Clock Buffer TerabufferTM II

8R9306NLGI Datasheet (PDF)

Go To PDF Page Download Datasheet
8R9306NLGI Datasheet PDF - Renesas Technology Corp

Part # 8R9306NLGI
Download  8R9306NLGI Click to download

File Size   1016.46 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V LVDS, 1:6 Clock Buffer TerabufferTM II

8R9306NLGI Datasheet (HTML) - Renesas Technology Corp


8R9306NLGI Product details

Features
• Guaranteed low skew: 40ps (maximum)
• Very low duty cycle distortion: <125ps (maximum)
• High speed propagation delay: <1.75ns (maximum)
• Up to 1GHz operation
• Selectable inputs
• Hot insertable and over-voltage tolerant inputs
• 3.3V/2.5V LVTTL, HSTL eHSTL, LVPECL (2.5V), LVPECL (3.3V),
CML or LVDS input interface
• Selectable differential inputs to six LVDS outputs
• Power-down mode
• 2.5V VDD
• -40°C to 85°C ambient operating temperature
• Available in VFQFPN package




Similar Part No. - 8R9306NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8R9306NLGI IDT-8R9306NLGI Datasheet
654Kb / 19P
2.5V LVDS, 1:6 Clock Buffer Terabuffer
8R9306NLGI8 IDT-8R9306NLGI8 Datasheet
654Kb / 19P
2.5V LVDS, 1:6 Clock Buffer Terabuffer
More results


Similar Description - 8R9306NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T93GL06 IDT-IDT5T93GL06 Datasheet
108Kb / 15P
2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER-TM II
IDT5T93GL061 IDT-IDT5T93GL061 Datasheet
147Kb / 14P
2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER??II
IDT5T9306 IDT-IDT5T9306 Datasheet
205Kb / 13P
2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T9306 IDT-IDT5T9306_07 Datasheet
237Kb / 13P
2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T9306 IDT-IDT5T9306_08 Datasheet
219Kb / 14P
2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
logo
List of Unclassifed Man...
IDT5T9306NLGI ETC2-IDT5T9306NLGI Datasheet
373Kb / 16P
2.5V LVDS 1:6 Clock Buffer Terabuffer??II
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306_12 Datasheet
163Kb / 17P
2.5V LVDS 1:6 Clock Buffer Terabuffer
IDT8R9306I IDT-IDT8R9306I Datasheet
654Kb / 19P
2.5V LVDS, 1:6 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T93GL06 RENESAS-5T93GL06 Datasheet
408Kb / 19P
2.5V LVDS, 1:6 Glitchless Clock Buffer TERABUFFER™ II
Mar 2020
IDT5T9306 RENESAS-IDT5T9306 Datasheet
440Kb / 18P
2.5V LVDS 1:6 Clock Buffer Terabuffer™ II
NOVEMBER 29, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com