Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1796 Datasheet (PDF) - Aimtron Technology

AT1796 Datasheet PDF - Aimtron Technology
Part # AT1796
Download  AT1796 Download
File Size   526.02 Kbytes
Page   12 Pages
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology
Description 150kHz, 3A Step-Down Switching Regulator

AT1796 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT1796 Datasheet PDF - Aimtron Technology

Part # AT1796
Download  AT1796 Click to download

File Size   526.02 Kbytes
Page   12 Pages
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology
Description 150kHz, 3A Step-Down Switching Regulator

AT1796 Datasheet (HTML) - Aimtron Technology




Similar Part No. - AT1796

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
2A/18V/300KHz Step-Down Voltage Regulator
AT1792X-GRE AIMTRON-AT1792X-GRE Datasheet
1Mb / 14P
2A/18V/300KHz Step-Down Voltage Regulator
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
2A Step-Down Voltage Regulator
AT1799S AIMTRON-AT1799S Datasheet
348Kb / 14P
2A Step-Down Voltage Regulator
AT1799S-GRE AIMTRON-AT1799S-GRE Datasheet
348Kb / 14P
2A Step-Down Voltage Regulator
More results


Similar Description - AT1796

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSP1250 ETC-MSP1250 Datasheet
213Kb / 9P
Power Converter 150kHz 3A Step-down Voltage Regulator
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
3.0A, 150Khz, Step-Down Switching Regulator
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
600kHz, 3A Step-Down Switching Regulator
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
5.0A, 150kHz, Step-down Switching Regulator
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
3.0A, 150kHz, Step-Down Switching Regulator
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
60V, 3A, 150kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
60V / 3A | 150kHz Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com