Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54SC4T08-SEP Datasheet (PDF) - Texas Instruments

SN54SC4T08-SEP Datasheet PDF - Texas Instruments
Part # SN54SC4T08-SEP
Download  SN54SC4T08-SEP Download
File Size   1055.89 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN54SC4T08-SEP Radiation-Tolerant, 1.2-V to 5.5-V, Quadruple 2-Input Positive-AND Gates With Integrated Translation

SN54SC4T08-SEP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54SC4T08-SEP Datasheet PDF - Texas Instruments

Part # SN54SC4T08-SEP
Download  SN54SC4T08-SEP Click to download

File Size   1055.89 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN54SC4T08-SEP Radiation-Tolerant, 1.2-V to 5.5-V, Quadruple 2-Input Positive-AND Gates With Integrated Translation

SN54SC4T08-SEP Datasheet (HTML) - Texas Instruments


SN54SC4T08-SEP Product details

1 Features
• Vendor item drawing available, VID V62/xxx (TBD)
• Total ionizing dose characterized at 30 krad(Si)
– Total ionizing dose characterized radiation lot
acceptance testing (TID RLAT) for every wafer
lot to 30 krad(Si)
• Single-event effects (SEE) characterized:
– Single event latch-up (SEL) immune to linear
energy transfer (LET) = 43 MeV-cm2 /mg
– Single event transient (SET) characterized to
43 MeV-cm2 /mg
• Wide operating range of 1.2 V to 5.5 V
• Single-supply translating gates at
5/3.3/2.5/1.8/1.2 V VCC
– TTL compatible inputs:
• Up translation:
– 1.8-V – Inputs from 1.2 V
– 2.5-V – Inputs from 1.8 V
– 3.3-V – Inputs from 1.8 V, 2.5 V
– 5.0-V – Inputs from 2.5 V, 3.3 V
• Down translation:
– 1.2-V – Inputs from 1.8 V, 2.5 V, 3.3 V,
5.0 V
– 1.8-V – Inputs from 2.5 V, 3.3 V, 5.0 V
– 2.5-V – Inputs from 3.3 V, 5.0 V
– 3.3-V – Inputs from 5.0 V
• 5.5 V tolerant input pins
• Output drive up to 25 mA at 5-V
• Latch-up performance exceeds 250 mA per
JESD 17
• Space enhanced plastic (SEP)
– Controlled baseline
– Gold bondwire
– NiPdAu lead finish
– One assembly and test site
– One fabrication site
– Military (–55°C to 125°C) temperature range
– Extended product life cycle
– Extended product-change notification (PCN)
– Product traceability
– Meets NASAs ASTM E595 outgassing
specification

2 Applications
• Enable or disable a digital signal
• Controlling an indicator LED
• Translation between communication modules and
system controllers

3 Description
The SN54SC4T08-SEP contains four independent 2-
input AND Gates with Schmitt-trigger inputs. Each
gate performs the Boolean function Y = A × B in
positive logic. The output level is referenced to the
supply voltage (VCC) and supports 1.2-V, 1.8-V, 2.5-V,
3.3-V, and 5-V CMOS levels.
The input is designed with a lower threshold circuit to
support up translation for lower voltage CMOS inputs
(for example 1.2 V input to 1.8 V output or 1.8 V input
to 3.3 V output). Additionally, the 5-V tolerant input
pins enable down translation (for example, 3.3 V to
2.5 V output).




Similar Part No. - SN54SC4T08-SEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54SC4T08-SEP TI1-SN54SC4T08-SEP Datasheet
974Kb / 25P
SN54SC4T08-SEP Radiation-Tolerant, 1.2-V to 5.5-V, Quadruple 2-Input Positive-AND Gates With Integrated Translation
REVISED AUGUST 2023
SN54SC4T08-SEP TI2-SN54SC4T08-SEP Datasheet
1Mb / 26P
SN54SC4T08-SEP Radiation-Tolerant, 1.2-V to 5.5-V, Quadruple 2-Input Positive-AND Gates With Integrated Translation
REVISED AUGUST 2023
SN54SC4T08-SEP TI1-SN54SC4T08-SEP_V01 Datasheet
974Kb / 25P
SN54SC4T08-SEP Radiation-Tolerant, 1.2-V to 5.5-V, Quadruple 2-Input Positive-AND Gates With Integrated Translation
REVISED AUGUST 2023
More results


Similar Description - SN54SC4T08-SEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4T08 TI-SN74LV4T08 Datasheet
1Mb / 27P
SN74LV4T08 Quadruple 2-Input Positive-AND Gates With Integrated Translation
MAY 2023
SN54SC4T08-SEP TI1-SN54SC4T08-SEP_V01 Datasheet
974Kb / 25P
SN54SC4T08-SEP Radiation-Tolerant, 1.2-V to 5.5-V, Quadruple 2-Input Positive-AND Gates With Integrated Translation
REVISED AUGUST 2023
SN54SC4T00-SEP TI-SN54SC4T00-SEP Datasheet
945Kb / 20P
SN54SC4T00-SEP Radiation Tolerant, Quadruple 2-Input Positive-NAND Gates With Integrated Translation
NOVEMBER 2023
SN54SC4T02-SEP TI-SN54SC4T02-SEP Datasheet
946Kb / 20P
SN54SC4T02-SEP Radiation Tolerant, Quadruple 2-Input Positive-NOR Gates
NOVEMBER 2023
SN54SC4T32-SEP TI-SN54SC4T32-SEP Datasheet
1Mb / 20P
SN54SC4T32-SEP Radiation Tolerant, Quadruple 2-Input Positive-OR Gates With Integrated Translation
NOVEMBER 2023
SN54SC4T86-SEP TI-SN54SC4T86-SEP Datasheet
999Kb / 20P
SN54SC4T86-SEP Radiation Tolerant, Quadruple 2-Input Exclusive-OR Gates
NOVEMBER 2023
SN54SC4T00-SEP TI1-SN54SC4T00-SEP_V01 Datasheet
997Kb / 24P
SN54SC4T00-SEP Radiation Tolerant, Quadruple 2-Input Positive-NAND Gates With Integrated Translation
NOVEMBER 2023
SN54SC4T02-SEP TI1-SN54SC4T02-SEP_V01 Datasheet
998Kb / 24P
SN54SC4T02-SEP Radiation Tolerant, Quadruple 2-Input Positive-NOR Gates
NOVEMBER 2023
SN54SC4T32-SEP TI1-SN54SC4T32-SEP_V01 Datasheet
1Mb / 24P
SN54SC4T32-SEP Radiation Tolerant, Quadruple 2-Input Positive-OR Gates With Integrated Translation
NOVEMBER 2023
SN54SC4T86-SEP TI1-SN54SC4T86-SEP_V01 Datasheet
1Mb / 24P
SN54SC4T86-SEP Radiation Tolerant, Quadruple 2-Input Exclusive-OR Gates
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com