Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB245 Datasheet (PDF) - Texas Instruments

HB245 Datasheet PDF - Texas Instruments
Part # HB245
Download  HB245 Download
File Size   3475.29 Kbytes
Page   42 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs

HB245 Datasheet (PDF)

Go To PDF Page Download Datasheet
HB245 Datasheet PDF - Texas Instruments

Part # HB245
Download  HB245 Click to download

File Size   3475.29 Kbytes
Page   42 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs

HB245 Datasheet (HTML) - Texas Instruments


HB245 Product details

1 Features
• Inputs are TTL-voltage compatible
• Latch-up performance exceeds 250 mA
per JESD 17
• ESD protection exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
• On products compliant to MIL-PRF-38535,
All parameters are tested unless otherwise noted.
On all other products, production processing does
not necessarily include testing of all parameters.

2 Applications
• Enable or disable a digital signal
• Hold a signal during a controller reset
• Debounce a switch

3 Description
The SNx4AHCT245 octal bus transceivers are
designed for asynchronous two-way communication
between data buses. These parts operate from 4.5 V
to 5.5 V.




Similar Part No. - HB245

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HB24-1.2-A+ SLPOWER-HB24-1.2-A+ Datasheet
720Kb / 7P
Commercial/Medical International Linears
HB24-1.2-A+G SLPOWER-HB24-1.2-A+G Datasheet
374Kb / 7P
DC Power Supplies
logo
Power-One
HB24-1.2-AG POWER-ONE-HB24-1.2-AG Datasheet
478Kb / 9P
Linear Power Supplies Data Sheet
logo
Texas Instruments
HB244 TI-HB244 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
DATEL, Inc.
HB24S12-29.2 DATEL-HB24S12-29.2 Datasheet
102Kb / 1P
Half-Brick, 12V Output Voltage, 29.2 A Output Current
More results


Similar Description - HB245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC640 RENESAS-HD74HC640 Datasheet
139Kb / 11P
Octal Bus Transceivers (with 3-state outputs)
HD74HC245 RENESAS-HD74HC245_1 Datasheet
108Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54ABT620 TI-SN54ABT620_08 Datasheet
315Kb / 11P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC640 UTC-U74HC640 Datasheet
208Kb / 7P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54AHCT245 TI1-SN54AHCT245_16 Datasheet
1Mb / 32P
SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
SN54AHCT245 TI-SN54AHCT245_V01 Datasheet
2Mb / 40P
SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN54AHCT245 TI-SN54AHCT245_V02 Datasheet
3Mb / 42P
SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com