Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1403 Datasheet (PDF) - IET Labs Inc.

1403 Datasheet PDF - IET Labs Inc.
Part # 1403
Download  1403 Download
File Size   214.56 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description High frequency capacitance standards

1403 Datasheet (PDF)

Go To PDF Page Download Datasheet
1403 Datasheet PDF - IET Labs Inc.

Part # 1403
Download  1403 Click to download

File Size   214.56 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description High frequency capacitance standards

1403 Datasheet (HTML) - IET Labs Inc.


1403 Product details

DESCRIPTION
For measurement at 100 pF and
below, a three terminal connection
increases the accuracy by eliminating
the uncertainty in the measurement
introduced by the capacitances
between the capacitor terminals
and ground.
The type 1403 Standard Air Capacitors
are stable, three-terminal
standards in decimal values from
0.001 to 1000 pF. Their terminals
are arranged to plug directly into the
UNKNOWN terminals of the Type
1620 Capacitance Bridge or equivalent
such as AH2500A Ultra Precision
Capacitance Bridge.
The three largest sizes are similar
in construction to the Type 1404.
The smaller capacitance units
are made up of two plates, with
a grounded plate between them;
an aperture in the grounded plate
determines the magnitude of the
direct capacitance.
Dielectric losses are extremely
low as there is no solid dielectric
in the direct-capacitance fi eld.
All have shielded terminals, both
of which are connected to the
case.




Similar Part No. - 1403

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1403 VISHAY-1403 Datasheet
62Kb / 1P
Bulk Metal Foil Technology 4 Pin Transistor Outline Hermetic Resistor Network
31-Jul-02
1403 VISHAY-1403 Datasheet
114Kb / 2P
Bulk Metal® Foil Technology 4 Pin Transistor Outline Hermetic Resistor Network
02-Mar-05
logo
Amphenol Corporation
1403 AMPHENOL-1403 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Premier Farnell Limited...
14030 DURATOOL-14030 Datasheet
17Kb / 1P
Malleable Tap Wrenches
logo
List of Unclassifed Man...
1403000000 ETC2-1403000000 Datasheet
2Mb / 164P
Let RoseBopla be your partner for standard or customized enclosures.
More results


Similar Description - 1403

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
Compliant with European standards European standards power relays
logo
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
SCS CALIBRATION STANDARDS
logo
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
PRODUCT PERFORMANCE STANDARDS
logo
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
INDUSTRY STANDARDS
logo
Kemet Corporation
T520V157M006ATE045 KEMET-T520V157M006ATE045 Datasheet
1Mb / 26P
High frequency capacitance retention
logo
Abracon Corporation
AOCJY6 ABRACON-AOCJY6 Datasheet
1Mb / 2P
Precision timing and frequency standards
08.18.12
logo
IET Labs Inc.
SCA IET-SCA Datasheet
198Kb / 3P
Standard Capacitance Reference or Working Standards
Dec. 2022
SR102 IET-SR102 Datasheet
218Kb / 1P
Transportable Resistance Standards
Nov 2017
SRL IET-SRL Datasheet
384Kb / 1P
High-Accuracy, High-Stability Resistance Standards
Dec. 2022
VRS-100 IET-VRS-100 Datasheet
213Kb / 2P
High Resistance Standards
April 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com