Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1422 Datasheet (PDF) - IET Labs Inc.

1422 Datasheet PDF - IET Labs Inc.
Part # 1422
Download  1422 Download
File Size   273.24 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Low-loss Variable Air Capacitors

1422 Datasheet (PDF)

Go To PDF Page Download Datasheet
1422 Datasheet PDF - IET Labs Inc.

Part # 1422
Download  1422 Click to download

File Size   273.24 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Low-loss Variable Air Capacitors

1422 Datasheet (HTML) - IET Labs Inc.


1422 Product details

Features:
• A laboratory standard
• For calibrating working standards
• Working standard
• Capacitance measurement functions
• For substitution measurements
• For calibrating instrumentation
• Stability: better than 0.02% full scale per year
• Settleable to 40 ppm
• Low temperature coeffi cient, low losses
• Wide selection to suit needs
• 3 diff erent models




Similar Part No. - 1422

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1422 VISHAY-1422 Datasheet
104Kb / 2P
Bulk Metal® Foil Technology 16 Pin Transistor Outline Hermetic Resistor Network
08-Mar-05
logo
Hammond Manufacturing L...
1422 HAMMOND-1422 Datasheet
176Kb / 3P
ARMOIRE MURALE A 2 PORTES EN ACIER DOUX DE TYPE 12
logo
List of Unclassifed Man...
1422-3 ETC2-1422-3 Datasheet
485Kb / 1P
MICRO PINS
logo
PHOENIX CONTACT
1422000 PHOENIX-1422000 Datasheet
213Kb / 5P
SAC-4P-24AWG-OE-OE-542-100,0US - Cable reel
1422001 PHOENIX-1422001 Datasheet
213Kb / 5P
SAC-4P-24AWG-OE-OE-542-300,0US - Cable reel
More results


Similar Description - 1422

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
Variable Output Low Power-Loss Voltage Regulators
PQ30RV31 SHARP-PQ30RV31 Datasheet
34Kb / 4P
Variable Output Low Power-Loss Voltage Regulator
logo
Tyco Electronics
2023 MACOM-2023 Datasheet
83Kb / 2P
Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
logo
Sharp Corporation
PQ15RW08 SHARP-PQ15RW08_01 Datasheet
72Kb / 4P
Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
Variable Output Low Power-Loss Voltage Regulator
logo
M/A-COM Technology Solu...
2023 MA-COM-2023 Datasheet
52Kb / 2P
Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
logo
Sharp Corporation
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com